Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRM Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VRM
Description  Bulk Metal® Foil Technology Industrial Miniature Precision Resistor with TCR of ± 4 ppm/°C and Tolerance to ± 0.01 %
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VRM Datasheet(HTML) 1 Page - Vishay Siliconix

  VRM Datasheet HTML 1Page - Vishay Siliconix VRM Datasheet HTML 2Page - Vishay Siliconix VRM Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Document Number: 63010
For any questions, contact: foil@vishay.com
www.vishay.com
Revision: 12-Jul-07
1
VRM
Vishay Foil Resistors
Bulk Metal® Foil Technology Industrial Miniature Precision
Resistor with TCR of ± 4 ppm/°C and Tolerance to ± 0.01 %
Any value at any tolerance available with resistance range
The VRM style is a miniaturized version of the now famous
S102C. It is made with a Bulk Metal® Foil element so it
retains all of the inherent performance of foil resistors. It does
not, however, have the value range, power rating, TCR or
lead spacing of the S102C. It is a size for size replacement
for certain wirewounds and finds application in situations
where size constraints dictate the use of this miniature
precision resistor.
Our Application Engineering Department is available to
advise and to make recommendations. For non-standard
technical requirements and special applications, please
contact us.
FEATURES
• Temperature Coefficient of Resistance:
± 4 ppm/°C (0 °C to + 60 °C);
± 8 ppm/°C (- 55 °C to + 125 °C, 25 °C Ref.)
• Resistance Range: 5 Ω to 50 kΩ
• Tolerance: to ± 0.01 %
• Power Rating: 0.25 W at + 70 °C; 0.125 W at + 125 °C
• Load Life Stability: ± 0.05 % Maximum ΔR at + 70 °C at
Rated Power for 2000 hours
• Non Inductive: < 0.08 µH
• Thermal EMF: < 0.1 µV/°C
• Long Term Stability: ± 0.0025 % (25 ppm) per year under
low power and room temperature conditions
• Voltage Coefficient: < 0.1 ppm/V
• Maximum Working Voltage: 250 V
• Terminal Finishes Available: Lead (Pb)-free
Tin/Lead Alloy
• Any value available within resistance range (e.g. 1K234)
• Prototype samples available from 48 hours. For more
information, please contact foil@vishay.com
• For better performances, please see S-Series datasheet
* Pb containing terminations are not RoHS compliant, exemptions may apply
Available
Pb-free
RoHS*
COMPLIANT
FIGURE 1 - IMPRINTING AND DIMENSIONS
DIMENSIONS
INCHES
mm
L:
0.250 ± 0.010
6.35 ± 0.25
H:
0.250 ± 0.010
6.35 ± 0.25
W:
0.125 ± 0.010
3.18 ± 0.25
ST:
0.020 ± 0.010
0.51 ± 0.25
LL:
0.750 Minimum
19.05 Minimum
LS:
0.125 ± 0.005
3.18 ± 0.13
07
Year
10
Week
ST
LS
Model
VISHAY
XXXX
VRM
H
L
Date Code
W
Front View
Rear View
Lead Material
#22 AWG (0.025 Dia)
Solder Coated Copper
Resistance
Value Code
Tolerance
LL
100R01
0.01 %
FIGURE 2 - POWER DERATING CURVE
TABLE 1 - RESISTANCE VALUES VS
TOLERANCE
5
Ω to 50 Ω
50
Ω to 50 kΩ
± 0.1 %
± 0.25 %
± 0.5 %
± 1.0 %
± 0.01 %
± 0.02 %
± 0.05 %
± 0.1 %
± 0.25 %
± 0.5 %
± 1.0 %
+ 100
+ 75
+ 50
+ 25
0
- 25
- 55
0
+ 25 + 50
+ 75 + 100 + 125 + 150 + 175
Ambient Temperature (°C)
+ 155 °C
+ 70 °C


Similar Part No. - VRM

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
VRM10 EMERSON-NETWORKPOWER-VRM10 Datasheet
512Kb / 10P
non-isolated DC-DC converters
VRM10-105-12-EY EMERSON-NETWORKPOWER-VRM10-105-12-EY Datasheet
512Kb / 10P
non-isolated DC-DC converters
logo
Artesyn Technologies
VRM10-105-12-EY ARTESYN-VRM10-105-12-EY Datasheet
927Kb / 10P
Embedded Power for Business-Critical Continuity
logo
Emerson Network Power
VRM10-80-12-PY EMERSON-NETWORKPOWER-VRM10-80-12-PY Datasheet
512Kb / 10P
non-isolated DC-DC converters
logo
Artesyn Technologies
VRM10-80-12-PY ARTESYN-VRM10-80-12-PY Datasheet
927Kb / 10P
Embedded Power for Business-Critical Continuity
More results

Similar Description - VRM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Z202 VISHAY-Z202 Datasheet
103Kb / 4P
Ultra High Precision Z-Foil Miniature Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power and Tolerance to ± 0.01 %
13-Nov-07
VHP100 VISHAY-VHP100 Datasheet
96Kb / 4P
Ultra-High Precision Hermetically Sealed Bulk Metal® Foil Technology Resistor with Zero TCR and 0.005 % Tolerance
18-Jun-07
VCS301 VISHAY-VCS301 Datasheet
162Kb / 4P
Bulk Metal® Foil Technology High Precision 4-Terminal Power Current Sensing Resistors with TCR as low as ± 1 ppm/°C and Tolerance ± 0.1 %
26-Jun-07
1280G VISHAY-1280G_07 Datasheet
123Kb / 4P
Bulk Metal® Foil Technology Precision Trimming Potentiometers 3/4" Rectilinear, ± 5 ppm/°C and ± 15 ppm/°C TCR
07-Nov-07
VSR VISHAY-VSR Datasheet
105Kb / 4P
Bulk Metal® Foil Technology Industrial Precision Resistors with TCR of ± 4 ppm/°C and Tolerance of ± 0.01 %
16-Jul-07
RS92N VISHAY-RS92N Datasheet
99Kb / 5P
High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.01 % and Load Life Stability of ± 0.005 % CECC Qualified
03-Nov-08
VHP202 VISHAY-VHP202 Datasheet
126Kb / 5P
Hermetically Sealed High Precision Bulk Metal® Foil Technology Resistors with TCR of ± 2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
14-Nov-07
DSM VISHAY-DSM Datasheet
121Kb / 5P
High Precision Bulk Metal® Foil Surface Mount Voltage Divider, TCR Tracking of < 0.5 ppm/°C, Tolerance Match of 0.01 % and Stability of ± 0.005 % (50 ppm)
05-Jun-07
V5X5P VISHAY-V5X5P Datasheet
174Kb / 7P
Bulk Metal® Foil Technology Discrete Chips with TCR of 2 ppm/°C and Tolerance to 0.005 % for use in Hybrid Circuits
25-Oct-07
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com