Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRM Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VRM
Description  Bulk Metal® Foil Technology Industrial Miniature Precision Resistor with TCR of ± 4 ppm/°C and Tolerance to ± 0.01 %
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VRM Datasheet(HTML) 2 Page - Vishay Siliconix

  VRM Datasheet HTML 1Page - Vishay Siliconix VRM Datasheet HTML 2Page - Vishay Siliconix VRM Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
VRM
Vishay Foil Resistors Bulk Metal® Foil Technology Industrial Miniature Precision
Resistor with TCR of ± 4 ppm/°C and Tolerance to ± 0.01 %
www.vishay.com
For any questions, contact: foil@vishay.com
Document Number: 63010
2
Revision: 12-Jul-07
Note
* For non-standard requests, please contact Application Engineering.
FIGURE 3 - TEMPERATURE COEFFICIENT
+ 400
+ 200
0
- 200
- 400
0
+ 25
- 140
Temperature, °C
+ 140
+ 100
- 100
ΔR
R
(ppm)
+ 60
+ 4 ppm/°C
- 4 ppm/°C
FIGURE 4 - TRIMMING TO VALUES
(Conceptual Illustration)
Mutual Inductance
Reduction due
to Change in
Current Direction
Current Path
Before Trimming
Note: Foil shown in black, etched spaces in white
Interloop Capacitance
Reduction in Series
Trimming Process
Removes this Material
from Shorting Strip Area
Changing Current Path
and Increasing
Resistance
Current Path
After Trimming
TABLE 2 - GLOBAL PART NUMBER INFORMATION
NEW GLOBAL PART NUMBER: Y007345K4540Q9L (preferred part number format)
DENOTES PRECISION
VALUE
AER*
YR =
Ω
K = k
Ω
0 = Standard
9 = Lead (Pb)-free
1 - 999 = Custom
PRODUCT CODE
RESISTANCE TOLERANCE
PACKAGING
0073 = VRM
T = ± 0.01 %
Q = ± 0.02 %
A = ± 0.05 %
B = ± 0.1 %
C = ± 0.25 %
D = ± 0.5 %
F = ± 1.0 %
L = Bulk Pack
FOR EXAMPLE: ABOVE GLOBAL ORDER Y0073 45K4540 Q 9 L:
TYPE: VRM
VALUE: 45.454 k
Ω
ABSOLUTE TOLERANCE: ± 0.02 %
TERMINATION: Lead (Pb)-free
PACKAGING: Bulk Pack
HISTORICAL PART NUMBER EXAMPLE: VRMT 45K454 Q B (will continue to be used)
VRM
T
45K454
Q
B
MODEL
TERMINATION
OHMIC VALUE
RESISTANCE
TOLERANCE
PACKAGING
VRM
T = Lead (Pb)-free
None = Tin/Lead alloy
45.454 k
Ω
T = ± 0.01 %
Q = ± 0.02 %
A = ± 0.05 %
B = ± 0.1 %
C = ± 0.25 %
D = ± 0.5 %
F = ± 1.0 %
B = Bulk Pack
07
3
4
K
4
5
5
Y0
0Q
4
9
L



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com