Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA7540 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TEA7540
Description  HANDSFREE CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA7540 Datasheet(HTML) 4 Page - STMicroelectronics

  TEA7540 Datasheet HTML 1Page - STMicroelectronics TEA7540 Datasheet HTML 2Page - STMicroelectronics TEA7540 Datasheet HTML 3Page - STMicroelectronics TEA7540 Datasheet HTML 4Page - STMicroelectronics TEA7540 Datasheet HTML 5Page - STMicroelectronics TEA7540 Datasheet HTML 6Page - STMicroelectronics TEA7540 Datasheet HTML 7Page - STMicroelectronics TEA7540 Datasheet HTML 8Page - STMicroelectronics TEA7540 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
stracted from the incoming signal before the com-
parison. So very high noise level in one mode
cannot trouble the comparison between the useful
signals.
The result of the comparison manages the attenu-
ators in the following way:
- The maximum attenuation is switched on
the mode where the speech signal is the
lowest. The maximum attenuation is fixed
by two external resistor (maximum 52dB).
The time constant of the switch is fixed by
the timer via an external capacitor.
- When neither party is talking both attenu-
ators are set to a medium attenuation.
Thus each mode is in idle mode. The time
constant of the switch from active mode to
idle mode must be long enough to prevent
from switching to idle mode between two
words (see fig.B). This time constant is
fixed by an external RC.
Figure A
Em Rec
1
0
SPEECH/NOISE
A max dB
0dB
0
1
IDLE (A max/2)
D93TL009A
Figure B
TEA7540
4/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com