Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA7540 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TEA7540
Description  HANDSFREE CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA7540 Datasheet(HTML) 1 Page - STMicroelectronics

  TEA7540 Datasheet HTML 1Page - STMicroelectronics TEA7540 Datasheet HTML 2Page - STMicroelectronics TEA7540 Datasheet HTML 3Page - STMicroelectronics TEA7540 Datasheet HTML 4Page - STMicroelectronics TEA7540 Datasheet HTML 5Page - STMicroelectronics TEA7540 Datasheet HTML 6Page - STMicroelectronics TEA7540 Datasheet HTML 7Page - STMicroelectronics TEA7540 Datasheet HTML 8Page - STMicroelectronics TEA7540 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TEA7540
HANDSFREE CONTROLLER
NOISE/SPEECH DISCRIMINATION IN EMIS-
SION AND RECEPTION
INTEGRATED SIGNAL GAIN COMPRESSOR
IN BOTH MODES
PROGRAMMABLE ATTENUATORS IN BOTH
MODES
ADAPTED TO ACOUSTIC PARAMETERS OF
ALL CABINETS
LOW OPERATING VOLTAGE 2.5V
LOW OPERATING CURRENT 2.1mA
CHIP SELECT BETWEEN HANDSFREE AND
MONITORING MODES
DESCRIPTION
This 28 pins IC is an innovative approach to quality
handsfree telephone sets. It results from an extensive
research on speech signal.
July 1998
T
is advanced information on a new product now in development or undergoing evaluation. Details are subject to change without
®
HYST2
TIM
CCE
CE3
CE2
MICOUT
CE1
INE
VREF
1
3
2
4
5
6
7
8
9
INR
RECOUT
CR1
CR3
CR2
CCR
AMP IN
AMP SUP
VOL
23
22
21
20
19
17
18
16
15
D93TL005
10
11
12
13
14
28
27
26
25
24
GND
CS
OUTE
ATTE
HYST1
ATR
ATTR
OUTR
IREF
V+
PIN CONNECTION (top view)
SO28
ORDERING NUMBERS:
TEA7540FP
1/12


Similar Part No. - TEA7540

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA7530 STMICROELECTRONICS-TEA7530 Datasheet
118Kb / 11P
MONITOR AMPLIFIER
Jun-1993
TEA7530DP STMICROELECTRONICS-TEA7530DP Datasheet
118Kb / 11P
MONITOR AMPLIFIER
Jun-1993
TEA7530FP STMICROELECTRONICS-TEA7530FP Datasheet
118Kb / 11P
MONITOR AMPLIFIER
Jun-1993
TEA7531 STMICROELECTRONICS-TEA7531 Datasheet
296Kb / 17P
MONITOR AMPLIFIER
TEA7532 STMICROELECTRONICS-TEA7532 Datasheet
201Kb / 16P
MONITOR AMPLIFIER
Jul-1993
More results

Similar Description - TEA7540

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1098 PHILIPS-TEA1098 Datasheet
199Kb / 40P
Speech and handsfree IC
1999 Oct 14
TEA1098A PHILIPS-TEA1098A Datasheet
185Kb / 40P
Speech and handsfree IC
2000 Mar 21
TEA1099H PHILIPS-TEA1099H Datasheet
185Kb / 40P
Speech and handsfree IC with auxiliary inputs/outputs and analog multiplexer
1999 Apr 08
logo
ams AG
AS2520 AMSCO-AS2520 Datasheet
96Kb / 14P
Telephone Speech Circuit with Loudhearing and Handsfree
AS2525 AMSCO-AS2525 Datasheet
264Kb / 26P
Single-Chip Handsfree Phone CMOS Integrated Circuit
logo
Ericsson
PBL38812 ERICSSON-PBL38812 Datasheet
133Kb / 10P
Voice-switch circuit for Handsfree speakerphone TAM
logo
TEMIC Semiconductors
U4080B TEMIC-U4080B Datasheet
169Kb / 15P
Voice-Switched Circuit for Handsfree Operation
logo
ams AG
AS2525 AMSCO-AS2525_1 Datasheet
461Kb / 27P
Single-Chip Handsfree Phone CMOS Integrated Circuit
AS2525B AMSCO-AS2525B Datasheet
836Kb / 28P
Single-Chip Handsfree Phone CMOS Integrated Circuit
logo
List of Unclassifed Man...
FM-1288 ETC2-FM-1288 Datasheet
760Kb / 60P
High Performance Voice Processor for Automotive Handsfree
version 1.8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com