Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFM Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DFM
Description  Thick Film Resistor Networks, Military, MIL-PRF-83401 Qualified, Type RZ030, Schematics A (11), B (12), J (15)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DFM Datasheet(HTML) 1 Page - Vishay Siliconix

  DFM Datasheet HTML 1Page - Vishay Siliconix DFM Datasheet HTML 2Page - Vishay Siliconix DFM Datasheet HTML 3Page - Vishay Siliconix DFM Datasheet HTML 4Page - Vishay Siliconix DFM Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Thick Film Resistor Networks, Military, MIL-PRF-83401
Qualified, Type RZ030, Schematics A (11), B (12), J (15)
www.vishay.com
For technical questions, contact: ff2aresistors@vishay.com
Document Number: 31517
330
Revision: 08-Jul-08
DFM (Military M83401)
Vishay Dale
FEATURES
• 11, 12, 15 Schematics; hot-solder dipped
• MIL-PRF-83401 qualified
• Thick film resisitive elements
• TCR available in “K” (± 100 ppm/°C) or “M” (± 300 ppm/°C)
characteristic
• 100 % screen tested per Group A, Subgroup 1 of
MIL-PRF-83401
• 0.065" [1.65 mm] height for high density packaging
Notes
(1) K = ± 100 ppm/°C; M = ± 300 ppm/°C
(2) ± 1 % and ± 5 % tolerance available
•
Consult factory for stocked values
STANDARD ELECTRICAL SPECIFICATIONS
VISHAY
DALE
MODEL
POWER RATING
CIRCUIT
SCHEMATIC
LIMITING ELEMENT
VOLTAGE
MAX.
V
≅
TEMPERATURE
COEFFICIENT (1)
(- 55 °C to + 125 °C)
STANDARD (2)
TOLERANCE
%
RESISTANCE
RANGE
Ω
P70 °C
ELEMENT
W
P70 °C
PACKAGE
W
DFM
0.050
0.025
0.015
0.350
0.325
0.350
11
12
15
50
50
50
K, M
K, M
K, M
2
2
2
10R0 - 1M0
10R0 - 1M0
see table
MIL STYLE
SPEC SHEET CHARACTERISTIC
RESISTANCE
TOLERANCE
SCHEMATIC
PACKAGING
ALU
M83401
03
3 digit significant
F = ± 1 %
A = Isolated
D05 = Tin/Lead, Tube
DSL = Tin/Lead, Tube,
Single Lot Date Code
K = 100 ppm
M = 300 ppm
figure, followed
G = ± 2 %
B = Bussed
by a multiplie
J = ± 5 %
10R0
Ω
3302 = 33 k
Ω
1004 = 1 M
Ω
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: M8340103M6801GAD05 (preferred part numbering format)
M
8
34
0
1
0
3
M6
8
0
1G
AD
05
Historical Part Number example: M8340103M6801GA (will continue to be accepted)
M83401
03
M
6801
GA
D05
MIL STYLE
SPEC SHEET
CHARACTERISTIC
TOLERANCE
SCHEMATIC
PACKAGING
RESISTANCE
VALUE
MIL STYLE
SPEC SHEET CHARACTERISTIC
TOLERANCE
SCHEMATIC
PACKAGING
RESISTANCE
VALUE
M83401
03
K = 100 ppm
Per Std. MIL. Spec
F = ± 1 %
J = Dual
M = 300 ppm
(see Impedence
G = ± 2 %
Terminator
Codes table)
J = ± 5 %
New Global Part Numbering: M8340103KA001GJD05 (preferred part numbering format)
Historical Part Number example: M8340103KA001GJ (will continue to be accepted)
M83401
03
K
A001
GJ
D05
MIL STYLE
SPEC SHEET
CHARACTERISTIC
TOLERANCE
SCHEMATIC
PACKAGING
RESISTANCE
VALUE
M
8
34
0
1
0
3
KA
0
0
1G
JD
0
5
V
E
r
= 10
D05 = Tin/Lead, Tube
DSL = Tin/Lead, Tube,
Single Lot Date Code


Similar Part No. - DFM

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
DFM-10-10-P-A-GF FESTO-DFM-10-10-P-A-GF Datasheet
92Kb / 1P
Guided actuator
DFM-10-15-P-A-GF FESTO-DFM-10-15-P-A-GF Datasheet
92Kb / 1P
Guided actuator
DFM-10-20-P-A-GF FESTO-DFM-10-20-P-A-GF Datasheet
92Kb / 1P
Guided actuator
DFM-10-5-P-A-GF FESTO-DFM-10-5-P-A-GF Datasheet
92Kb / 1P
Guided actuator
DFM-100-100-P-A-GF FESTO-DFM-100-100-P-A-GF Datasheet
88Kb / 1P
Guided actuator
More results

Similar Description - DFM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DFP14 VISHAY-DFP14 Datasheet
117Kb / 2P
Thick Film Resistor Networks Flat Pack, 11, 12 Schematics
08-Sep-04
RCWPM VISHAY-RCWPM Datasheet
92Kb / 2P
Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
15-Oct-15
MDM VISHAY-MDM Datasheet
134Kb / 5P
Thick Film Resistor Networks Military, MIL-PRF-83401 Qualified, Type RZ Dual-In-Line Package, 01, 03, 05 Schematics
08-Jul-08
DFP14121K00GD05 VISHAY-DFP14121K00GD05 Datasheet
275Kb / 3P
Thick Film Resistor Networks Flat Pack, 11, 12 Schematics
08-Sep-04
RCWPM VISHAY-RCWPM_08 Datasheet
106Kb / 4P
Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
25-Jul-08
MSM VISHAY-MSM Datasheet
137Kb / 5P
Thick Film Resistor Networks Military, MIL-PRF-83401 Qualified, Type RZ, Single-In-Line, Molded SIP; 01, 03, 05 Schematics
25-Jul-08
M55342K06B15E0RS3 VISHAY-M55342K06B15E0RS3 Datasheet
109Kb / 4P
Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
22-Nov-12
M8340109K2201GCD03 VISHAY-M8340109K2201GCD03 Datasheet
98Kb / 6P
Thick Film Resistor Networks, Military, MIL-PRF-83401 Qualified, Type RZ040 to RZ090, Single-In-Line, Molded SIP
26-Feb-13
RCWPM VISHAY-RCWPM_15 Datasheet
372Kb / 5P
Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
15-Oct-15
RCWPM-07 VISHAY-RCWPM-07 Datasheet
59Kb / 3P
Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
30-Aug-06
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com