Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFM Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DFM
Description  Thick Film Resistor Networks, Military, MIL-PRF-83401 Qualified, Type RZ030, Schematics A (11), B (12), J (15)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DFM Datasheet(HTML) 4 Page - Vishay Siliconix

  DFM Datasheet HTML 1Page - Vishay Siliconix DFM Datasheet HTML 2Page - Vishay Siliconix DFM Datasheet HTML 3Page - Vishay Siliconix DFM Datasheet HTML 4Page - Vishay Siliconix DFM Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Document Number: 31517
For technical questions, contact: ff2aresistors@vishay.com
www.vishay.com
Revision: 08-Jul-08
333
DFM (Military M83401)
Thick Film Resistor Networks, Military, MIL-PRF-83401
Qualified, Type RZ030, Schematics A (11), B (12), J (15)
Vishay Dale
PERFORMANCE
TEST
CONDITIONS
MAX.
ΔR (Typical Test Lots)
Power Conditioning
1.5 x rated power, applied 1.5 h “ON” and 0.5 h “OFF”
for 100 h ± 4 h at + 25 °C ambient temperature
± 0.50 %
ΔR
Thermal Shock
5 cycles between - 65 °C and + 125 °C
± 0.50 %
ΔR
Short Time Overload
2.5 x rated working voltage for 5 s
± 0.25 %
ΔR (Char. K)
± 0.50 %
ΔR (Char. M)
Low Temperature Operation
45 min at full rated working voltage at - 65 °C
± 0.25 %
ΔR (Char. K)
± 0.50 %
ΔR (Char. M)
Moisture Resistance
240 h with humidity ranging from 80 % RH to 98 % RH
± 0.50 %
ΔR
Resistance to Soldering Heat
Leads immersed in + 260 °C solder to within 1/16" of body for 10 s
± 0.25 %
ΔR
Shock
Total of 18 shocks at 100 g's
± 0.25 %
ΔR
Vibration
12 h at maximum of 20 g's between 10 and 2000 Hz
± 0.25 %
ΔR
Load Life
1000 h at + 70 °C, rated power applied 1.5 h “ON”,
0.5 h “OFF” for full 1000 h period
± 0.50 %
ΔR (Char. K)
± 2.0 %
ΔR (Char. M)
Terminal Strength
1.5 pound pull for 30 s
± 0.25 %
ΔR
Insulation Resistance
10 000 M
Ω (minimum)
-
Dielectric Withstanding Voltage
No evidence of arcing or damage (200 V RMS for 1 min)
-



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com