Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THBT200 Datasheet(PDF) 1 Page - STMicroelectronics

Part # THBT200
Description  TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

THBT200 Datasheet(HTML) 1 Page - STMicroelectronics

  THBT200 Datasheet HTML 1Page - STMicroelectronics THBT200 Datasheet HTML 2Page - STMicroelectronics THBT200 Datasheet HTML 3Page - STMicroelectronics THBT200 Datasheet HTML 4Page - STMicroelectronics THBT200 Datasheet HTML 5Page - STMicroelectronics THBT200 Datasheet HTML 6Page - STMicroelectronics THBT200 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Application Specific Discretes
A.S.D.
™
THBT200S
TRANSIENT VOLTAGE SUPPRESSOR
FOR SLIC PROTECTION
®
DUAL BIDIRECTIONALCROWBARPROTECTION.
PEAK PULSE CURRENT :
-IPP = 75 A, 10/1000
µs.
HOLDING CURRENT = 150 mA min
BREAKDOWN VOLTAGE = 200 V min.
BREAKOVER VOLTAGE = 290 V max.
MONOLITHIC DEVICE.
FEATURES
This monolithic protection device has been espe-
cially designed to protect subscriber line cards.The
THBT200 device is particularly suitable to protect
ring generator relay against transient overvol-
tages.
DESCRIPTION
February 1998
Ed: 2
SCHEMATIC DIAGRAM
1
2
3
4
NC
Ti p
Ri n g
GND
CCITT K20 :
10/700
µs
1kV
5/310
µs
25A
VDE 0433 :
10/700
µs
2kV
5/310
µs
50A
VDE 0878 :
1.2/50
µs
1.5kV
1/20
µs
40A
FCC part 68 :
2/10
µs
2.5kV
2/20
µs
225A (*)
BELLCORE
TR-NWT-001089 :
2/10
µs
2.5kV
2/10
µs
225A (*)
10/1000
µs
1kV
10/1000
µs
75A (*)
(*) with series resistors or PTC.
COMPLIESWITHTHE FOLLOWINGSTANDARDS:
SIP3
TM: ASD is trademarks of SGS-THOMSON Microelectronics.
1/7


Similar Part No. - THBT200

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
THBT20011 STMICROELECTRONICS-THBT20011 Datasheet
201Kb / 10P
Tripolar overvoltage protection for telecom line
19-Feb-2008
THBT20011D STMICROELECTRONICS-THBT20011D Datasheet
345Kb / 9P
TRIPOLAR OVERVOLTAGE PROTECTION FOR TELECOM LINE
Oct-2003
THBT20011D STMICROELECTRONICS-THBT20011D Datasheet
201Kb / 10P
Tripolar overvoltage protection for telecom line
19-Feb-2008
THBT20011DRL STMICROELECTRONICS-THBT20011DRL Datasheet
345Kb / 9P
TRIPOLAR OVERVOLTAGE PROTECTION FOR TELECOM LINE
Oct-2003
THBT200S1 STMICROELECTRONICS-THBT200S1 Datasheet
67Kb / 7P
TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Feb-1998
More results

Similar Description - THBT200

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LCP1511D STMICROELECTRONICS-LCP1511D Datasheet
64Kb / 7P
PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Feb-1998
LCP1521 STMICROELECTRONICS-LCP1521 Datasheet
112Kb / 9P
PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Sep-1999
THBT200S1 STMICROELECTRONICS-THBT200S1 Datasheet
67Kb / 7P
TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Feb-1998
THDT58S1 STMICROELECTRONICS-THDT58S1 Datasheet
79Kb / 7P
TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Feb-1998
THDT6511D STMICROELECTRONICS-THDT6511D Datasheet
54Kb / 6P
TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Feb-1998
LCP1521S STMICROELECTRONICS-LCP1521S Datasheet
125Kb / 11P
PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
07-Jul-2006
LCP1521S STMICROELECTRONICS-LCP1521S_06 Datasheet
175Kb / 11P
Programmable transient voltage suppressor for SLIC protection
07-Jul-2006
THDT6511D STMICROELECTRONICS-THDT6511D_01 Datasheet
126Kb / 6P
TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Aug-2001
LCP1531RL STMICROELECTRONICS-LCP1531RL Datasheet
153Kb / 10P
Programmable transient voltage suppressor for SLIC protection
27-Aug-2013
LCP154DJF STMICROELECTRONICS-LCP154DJF Datasheet
302Kb / 13P
Programmable transient voltage suppressor for SLIC protection
25-Sep-2015
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com