Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLIA Datasheet(PDF) 1 Page - Vishay Siliconix

Part # GLIA
Description  Metallized Film Power Capacitor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GLIA Datasheet(HTML) 1 Page - Vishay Siliconix

  GLIA Datasheet HTML 1Page - Vishay Siliconix GLIA Datasheet HTML 2Page - Vishay Siliconix GLIA Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.vishay.com
1
GLI......A
Vishay ESTA
Document Number 13048
Revision 02-Aug-04
Metallized Film Power Capacitor
FEATURES
• Lowest stray inductance
• Extremely low losses also at high frequencies
• Low ESR: < 4mΩ
• Highest RMS current rating: up to 100A
• High impulse discharge current capability
• Heavy duty shock and vibration
• High reliability and life expectancy
• Easy mounting
GENERAL SPECIFICATIONS
Dielectric
Polypropylene
Temperature coefficient (TCC)
- 2.3% from - 20°C to + 70°C
Dissipation factor (DF)
< 4 x 10-4/2kHz
Capacitance tolerance
± 5%
Operating temperature
- 40°C to + 70°C at U
R
- 40°C to + 100°C at 0.5* U
R
Inductance
< 10nH
Lifetime expectancy
100,000 hours at U
R and 60°C
Reliability
300FIT
Test voltage
Terminal/Terminal = 1.5*U
RDC, 10s
Terminal/Earth = 6000VAC, 60s
Casing material
Polypropylene
Filling
Resin Polyurethane, UL 94, V-0
Standards
IEC 61071-1, EN 61071 and IEC 61881


Similar Part No. - GLIA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GLIA VISHAY-GLIA Datasheet
198Kb / 3P
Capacitors for Power Electronics (PEC) - Cylindrical
15-Feb-11
GLIA VISHAY-GLIA_11 Datasheet
198Kb / 3P
Capacitors for Power Electronics (PEC) - Cylindrical
15-Feb-11
More results

Similar Description - GLIA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GLI VISHAY-GLI Datasheet
404Kb / 3P
Metallized Film Power Capacitor
04-Aug-04
logo
Panasonic Semiconductor
ECQ-E1105JF PANASONIC-ECQ-E1105JF Datasheet
373Kb / 20P
Metallized Polyester Film Capacitor
ECQ-E6473KZ PANASONIC-ECQ-E6473KZ Datasheet
173Kb / 9P
Metallized Polyester Film Capacitor
ECW-H12223JL PANASONIC-ECW-H12223JL Datasheet
214Kb / 14P
Metallized Polypropylene Film Capacitor
ECW-FD2W474J PANASONIC-ECW-FD2W474J Datasheet
241Kb / 5P
Metallized Polypropylene Film Capacitor
ECQ-E2125KF PANASONIC-ECQ-E2125KF Datasheet
352Kb / 19P
Metallized Polyester Film Capacitor
ECQ-E2103KB PANASONIC-ECQ-E2103KB Datasheet
223Kb / 7P
Metallized Polyester Film Capacitor
logo
Nichicon corporation
QXK2G155KTP NICHICON-QXK2G155KTP Datasheet
56Kb / 1P
Metallized Polyester Film Capacitor
logo
Panasonic Semiconductor
ECQ-U2A333ML PANASONIC-ECQ-U2A333ML Datasheet
115Kb / 2P
Metallized Polyester Film Capacitor
ECQ-E4824KF PANASONIC-ECQ-E4824KF Datasheet
352Kb / 19P
Metallized Polyester Film Capacitor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com