Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLIA Datasheet(PDF) 2 Page - Vishay Siliconix

Part # GLIA
Description  Metallized Film Power Capacitor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GLIA Datasheet(HTML) 2 Page - Vishay Siliconix

  GLIA Datasheet HTML 1Page - Vishay Siliconix GLIA Datasheet HTML 2Page - Vishay Siliconix GLIA Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.vishay.com
2
GLI......A
Vishay ESTA
Document Number 13048
Revision 02-Aug-04
TYPE DESCRIPTION
DIMENSIONS
M8
D
5
H ±2
Metallized Film Power Capacitor
8 deep
TYPE
RATED VOLTAGE
CAPACITANCE
CURRENT*
du/dt
D
H
GLI
DC (V)
AC (V)
(
µF)
MAX. (A)
MAX. (V/
µs)
(mm)
(mm)
700-35 A
700
200
35
80
450
87
44
700-160 A
700
200
160
100
150
87
62
700-230 A
700
200
230
100
100
87
74
900-25 A
900
250
25
60
500
87
44
900-100 A
900
250
100
80
150
87
62
900-150 A
900
250
150
90
125
87
74
1100-15 A
1100
300
15
50
750
87
44
1100-75 A
1100
300
75
80
200
87
62
1100-100 A
1100
300
100
80
150
87
74
1250-50 A
1250
350
50
70
250
87
62
1250-75 A
1250
350
75
70
150
87
74
1450-40 A
1450
400
40
70
250
87
62
1450-60 A
1450
400
60
70
200
87
74
1800-25 A
1800
450
25
50
300
87
62
1800-35 A
1800
450
35
50
250
87
74
2150-18 A
2150
500
18
40
400
87
62
2150-25 A
2150
500
25
40
300
87
74
5
8 deep
M8
Note: Other voltage and capacitance values are available upon request.
*Design current for short term operation at 50°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com