Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THBT7011D Datasheet(PDF) 7 Page - STMicroelectronics

Part # THBT7011D
Description  DUAL OVERVOLTAGE PROTECTION FOR TELECOM LINE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

THBT7011D Datasheet(HTML) 7 Page - STMicroelectronics

  THBT7011D Datasheet HTML 1Page - STMicroelectronics THBT7011D Datasheet HTML 2Page - STMicroelectronics THBT7011D Datasheet HTML 3Page - STMicroelectronics THBT7011D Datasheet HTML 4Page - STMicroelectronics THBT7011D Datasheet HTML 5Page - STMicroelectronics THBT7011D Datasheet HTML 6Page - STMicroelectronics THBT7011D Datasheet HTML 7Page - STMicroelectronics THBT7011D Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ORDER CODE
THBT
70
1 1
D
RL
BREAKDOWN
VOLTAGE
PACKAGING:
RL = tape and reel.
= tube.
BIDIRECTIONAL
TRISIL
Packaging : Products supplied in antistatic tubes
or tape and reel.
Weight : 0.08g
PACKAGE MECHANICAL DATA.
SO-8 Plastic
L
E
D
8
4
5
1
M
c1
e
b
e3
A
C
a1
b
a3
1
a2
F
REF. DIMENSIONS
Millimetres
Inches
Min.
Typ.
Max. Min.
Typ.
Max.
A
1.75
0.069
a1
0.1
0.25 0.004
0.010
a2
1.65
0.065
a3
0.65
0.85 0.025
0.033
b
0.35
0.48 0.014
0.019
b1
0.19
0.25 0.007
0.010
C
0.25
0.50
0.50 0.010
0.020
c1
45
°(typ)
D
4.8
5.0
0.189
0.197
E
5.8
6.2
0.228
0.244
e
1.27
0.050
e3
3.81
0.150
F
3.8
4.0
0.15
0.157
L
0.4
1.27 0.016
0.050
M
0.6
0.024
S8
° (max)
VERSION
PACKAGE:
1 = SO8 Plastic.
Types
Package
Marking
THBT7011D
SO-8
BT701D
MARKING
MARKING : Logo, Date Code, Part Number.
LOW DYNAMIC
CHARACTERISTICS.
THBT7011D
7/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com