Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THBT7011D Datasheet(PDF) 5 Page - STMicroelectronics

Part # THBT7011D
Description  DUAL OVERVOLTAGE PROTECTION FOR TELECOM LINE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

THBT7011D Datasheet(HTML) 5 Page - STMicroelectronics

  THBT7011D Datasheet HTML 1Page - STMicroelectronics THBT7011D Datasheet HTML 2Page - STMicroelectronics THBT7011D Datasheet HTML 3Page - STMicroelectronics THBT7011D Datasheet HTML 4Page - STMicroelectronics THBT7011D Datasheet HTML 5Page - STMicroelectronics THBT7011D Datasheet HTML 6Page - STMicroelectronics THBT7011D Datasheet HTML 7Page - STMicroelectronics THBT7011D Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Pulse (
µs)
Vp
C1
C2
LR1
R2
R3
R4
IPP
Rp
tr
tp
(V)
(
µF)
(nF)
(
µH)
(
Ω)(Ω)(Ω)(Ω)
(A)
(
Ω)
10
700
1500
20
200
0
50
15
25
25
30
10
1.2
50
1500
1
33
0
76
13
25
25
30
10
2
10
2500
10
0
1.1
1.3
0
3
3
38
62
TEST CIRCUIT 3 for IPP and VBO parameters :
CC
R
R
TIP
RING
GND
VP
4
3
2
R2
R1
L
1
(V is defined in no load condition)
P
TEST CIRCUIT 2 for IH parameter.
R
-VP
VBAT = - 48 V
Surge generator
D.U.T.
This is a GO-NOGO test which allows to confirm the holding current (IH) level in a functional
test circuit.
TEST PROCEDURE :
1) Adjust the current level at the IH value by short circuiting the AK of the D.U.T.
2) Fire the D.U.T with a surge Current : Ipp = 10A , 10/1000
µs.
3) The D.U.T will come back off-state within 50 ms max.
THBT7011D
5/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com