Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THBTXXX11D Datasheet(PDF) 1 Page - STMicroelectronics

Part # THBTXXX11D
Description  TRIPOLAR OVERVOLTAGE PROTECTION FOR TELECOM LINE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

THBTXXX11D Datasheet(HTML) 1 Page - STMicroelectronics

  THBTXXX11D Datasheet HTML 1Page - STMicroelectronics THBTXXX11D Datasheet HTML 2Page - STMicroelectronics THBTXXX11D Datasheet HTML 3Page - STMicroelectronics THBTXXX11D Datasheet HTML 4Page - STMicroelectronics THBTXXX11D Datasheet HTML 5Page - STMicroelectronics THBTXXX11D Datasheet HTML 6Page - STMicroelectronics THBTXXX11D Datasheet HTML 7Page - STMicroelectronics THBTXXX11D Datasheet HTML 8Page - STMicroelectronics THBTXXX11D Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
Application Specific Discretes
A.S.D
.™
THBTxxx11D
®
n
BIDIRECTIONAL CROWBAR PROTECTION
BETWEEN TIP AND GND, RING AND GND
AND BETWEEN TIP AND RING.
n
PEAK PULSE CURRENT :
IPP = 30A for 10/1000
µs surge.
n
HOLDING CURRENT :
IH = 150mA.
n
AVAILABLE IN SO8 PACKAGES.
n
LOW DYNAMIC BREAKOVER VOLTAGE.
FEATURES
SO-8
Dedicated
to
telecommunication
equipment
protection,
these
devices
provide
a
triple
bidirectional protection function.
They ensure the same protection capability with
the same breakdown voltage both in longitudinal
mode and transversal mode.
A particular attention has been given to the internal
wire bonding. The “4-point” configuration ensures
a reliable protection, eliminating overvoltages
introduced by the parasitic inductances of the
wiring (Ldi/dt), especially for very fast transient
overvoltages.
Dynamic characteristics have been defined for
several types of surges, in order to meet the SLIC
maximum ratings.
DESCRIPTION
SCHEMATIC DIAGRAM
TRIPOLAR OVERVOLTAGE
PROTECTION FOR TELECOM LINE
October 2003 - Ed: 7A
TR-NWT-001089:
10/1000
µs
1000V
2/10
µs
2500V
(first level)
2/10
µs
5000V
(second level)
with line series resistors of 56
Ω
COMPLIES WITH BELLCORE STANDARDS :
2
GND
3
GND
1
TIP
4
RING
7 GND
6 GND
8 TIP
5 RING
TM: ASD is trademarks of STMicroelectronics.


Similar Part No. - THBTXXX11D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
THBT15011 STMICROELECTRONICS-THBT15011 Datasheet
201Kb / 10P
Tripolar overvoltage protection for telecom line
19-Feb-2008
THBT15011D STMICROELECTRONICS-THBT15011D Datasheet
201Kb / 10P
Tripolar overvoltage protection for telecom line
19-Feb-2008
THBT15011DRL STMICROELECTRONICS-THBT15011DRL Datasheet
201Kb / 10P
Tripolar overvoltage protection for telecom line
19-Feb-2008
THBT15011 STMICROELECTRONICS-THBT15011_08 Datasheet
201Kb / 10P
Tripolar overvoltage protection for telecom line
19-Feb-2008
THBT200 STMICROELECTRONICS-THBT200 Datasheet
66Kb / 7P
TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Feb-1998
More results

Similar Description - THBTXXX11D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
CLP200M STMICROELECTRONICS-CLP200M Datasheet
232Kb / 21P
OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
Feb-1998
LCP3121 STMICROELECTRONICS-LCP3121 Datasheet
70Kb / 6P
OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
Apr-2003
SSRP130B1 STMICROELECTRONICS-SSRP130B1 Datasheet
58Kb / 7P
DUAL ASYMMETRICAL OVERVOLTAGE PROTECTION FOR TELECOM LINE
Jul-1998
THBT7011D STMICROELECTRONICS-THBT7011D Datasheet
54Kb / 8P
DUAL OVERVOLTAGE PROTECTION FOR TELECOM LINE
Jan-1999
TLPXXM STMICROELECTRONICS-TLPXXM Datasheet
157Kb / 14P
TRIPOLAR OVERVOLTAGE PROTECTION for TELECOM LINE
Sep-1998
TPN3021 STMICROELECTRONICS-TPN3021 Datasheet
46Kb / 4P
TRIPOLAR OVERVOLTAGE PROTECTION FOR NETWORK INTERFACES
Feb-1998
CLP30-200B1 STMICROELECTRONICS-CLP30-200B1 Datasheet
138Kb / 11P
OVERVOLTAGE & OVERCURRENT PROTECTION FOR TELECOM LINE
July 1999 - Ed: 4
logo
Microsemi Corporation
TCP020E MICROSEMI-TCP020E Datasheet
259Kb / 5P
Tripolar Overvoltage Protection For Network Interfaces
logo
STMicroelectronics
THBT15011 STMICROELECTRONICS-THBT15011_08 Datasheet
201Kb / 10P
Tripolar overvoltage protection for telecom line
19-Feb-2008
logo
Socay Electornics Co., ...
LT3021 SOCAY-LT3021 Datasheet
161Kb / 2P
Tripolar Overvoltage Protection for Network Interfaces
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com