Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THBTXXX11D Datasheet(PDF) 3 Page - STMicroelectronics

Part # THBTXXX11D
Description  TRIPOLAR OVERVOLTAGE PROTECTION FOR TELECOM LINE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

THBTXXX11D Datasheet(HTML) 3 Page - STMicroelectronics

  THBTXXX11D Datasheet HTML 1Page - STMicroelectronics THBTXXX11D Datasheet HTML 2Page - STMicroelectronics THBTXXX11D Datasheet HTML 3Page - STMicroelectronics THBTXXX11D Datasheet HTML 4Page - STMicroelectronics THBTXXX11D Datasheet HTML 5Page - STMicroelectronics THBTXXX11D Datasheet HTML 6Page - STMicroelectronics THBTXXX11D Datasheet HTML 7Page - STMicroelectronics THBTXXX11D Datasheet HTML 8Page - STMicroelectronics THBTXXX11D Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
THBTxxx11D
3/9
V
I
I
H
IBO
V
RM VBR
BO
V
PP
I
R
I
Symbol
Parameter
VRM
Stand-off voltage
IRM
Leakage current at stand-off voltage
VR
Continuous Reverse voltage
VBR
Breakdown voltage
VBO
Breakover voltage
IH
Holding current
IBO
Breakover current
VF
Forward voltage drop
IPP
Peak pulse current
C
Capacitance
ELECTRICAL CHARACTERISTICS (Tamb = 25°C)
Type
IRM @VRM
IR @VR
VBO @IBO
IH
C
max.
max.
note 1
max.
note 2
min.
max.
min
note 3
max
note 4
µAV
µA
V
V
mAmAmA
pF
THBT15011D
5
135
50
150
210
50
400
150
80
THBT16011D
5
135
50
160
230
50
400
150
80
THBT20011D
5
180
50
200
290
50
400
150
80
THBT27011D
5
240
50
270
380
50
400
150
80
Note 1:
IR mesuared at VR guarantees VBR >VR
Note 2:
Measured at 50 Hz (1 cycle) test circuit 1.
Note 3:
See the reference test circuit 2.
Note 4:
VR = 1V, F = 1MHz.
STATIC PARAMETERS
Type
Symbol
Test conditions (see note 5)
Maximum
Unit
THBT15011D
VBO
10/700
µs 1.5kV
Rp=10
Ω
IPP=30A
1.2/50
µs
1.5kV
Rp=10
Ω
IPP=30A
2/10
µs
2.5kV
Rp=62
Ω
IPP=38A
190
190
200
V
THBT16011D
VBO
10/700µs
1.5kV
Rp=10
Ω
IPP=30A
1.2/50
µs
1.5kV
Rp=10
Ω
IPP=30A
2/10
µs
2.5kV
Rp=62
Ω
IPP=38A
200
200
210
V
THBT20011D
VBO
10/700µs
1.5kV
Rp=10
Ω
IPP=30A
1.2/50
µs
1.5kV
Rp=10
Ω
IPP=30A
2/10
µs
2.5kV
Rp=62
Ω
IPP=38A
270
270
280
V
THBT27011D
VBO
10/700µs
1.5kV
Rp=10
Ω
IPP=30A
1.2/50
µs
1.5kV
Rp=10
Ω
IPP=30A
2/10
µs
2.5kV
Rp=62
Ω
IPP=38A
360
360
400
V
Note 5 :
See test circuit 3 for VBO dynamic parameters; Rp is the protection resistor located on the line card.
DYNAMIC BREAKOVER VOLTAGES (Transversal mode)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com