Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOSZ Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TOSZ
Description  Barrel-Style Capacitors for Dielectric Heating Equipment
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TOSZ Datasheet(HTML) 2 Page - Vishay Siliconix

  TOSZ Datasheet HTML 1Page - Vishay Siliconix TOSZ Datasheet HTML 2Page - Vishay Siliconix TOSZ Datasheet HTML 3Page - Vishay Siliconix TOSZ Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TOSZ, TOSW
Barrel-Style Capacitors for Dielectric Heating Equipment
Vishay Draloric
Document Number: 22087
For technical questions contact: powcap@vishay.com
www.vishay.com
Revision: 19-Sep-02
2
* The surface temperature of 100 °C must not be exceeded.
TOSZ 080110
CERAMIC
CAPACITANCE VALUE
[pF]
RATED VOLTAGE
[KVp]
RATED POWER*
[KVAr]
RATED CURRENT
[ARMS]
R 16 High Q
25
30
up to 550
60
TOSZ 100110
R 16 High Q
50
30
up to 800
100
TOSZ 118078
R 16 High Q
50
30
up to 800
150
75
TOSZ 120055
R 16 High Q
160
9.0
up to 862
135
250
TOSZ 118100
R 16 High Q
100
30
up to 900
120
TOSW 118115
R 16 High Q
125
13.5
1941
203
CAPACITANCE TOLERANCE: ± 10 %
PROPERTIES AND APPLICATION:
These capacitors feature a Q-Factor of greater than 10 000
which makes them ideal in operating frequency range from
0.1 MHz up to 30 MHz where high voltages and currents are
present. The TOSZ model can be used as replacements for
fixed vacum capacitors. The construction gives these
capacitors an advantage over fixed vacum capacitors
because there is no possibility of vacum deterioration.
Model TOSW 118115 also has additional vacuum water-
cooling systems. (One separate watercooling circuit at each
electrode terminal).
MATERIAL:
Capacitor elements made from Class 1 “High Q” ceramic
dielectric with noble metal electrodes.
Connection Terminals:
Copper/brass, silver plated.
Capacitor body:
Completely glazed
MARKING:
Type designator, capacitance value and tolerance, Rated
voltage (peak value), Production date code, Ceramic
material code, DRALORIC Logo, Serial number.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com