Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOSZ Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TOSZ
Description  Barrel-Style Capacitors for Dielectric Heating Equipment
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TOSZ Datasheet(HTML) 3 Page - Vishay Siliconix

  TOSZ Datasheet HTML 1Page - Vishay Siliconix TOSZ Datasheet HTML 2Page - Vishay Siliconix TOSZ Datasheet HTML 3Page - Vishay Siliconix TOSZ Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.vishay.com
For technical questions contact: powcap@vishay.com
Document Number: 22087
3
Revision: 19-Sep-02
TOSZ, TOSW
Vishay Draloric
Barrel-Style Capacitors for Dielectric Heating Equipment
Qg
Ug
Ig
Ig
Qg
Ug
Ug
Ig
Qg
Qg
Ug
Ig
Qg
Qg
Ug
Ig
Ig
Ug
Qg
Qg
Ug
Ig
Ig
Ug
Ig
Qg
Ug
Ig
Qg
Ug
Qg
Ig
Ig
Qg
Ug
Ug
1
2
5
10
20
50
100
200
500
f
[MHz]
[KVA
r]
1000
550
400
300
200
100
[A
RMS]
100
60
40
30
20
10
50
Ug
f
u = 7.77 MHz
f
o = 41.6 MHz
Qg
Ig
[KV
p]
50
40
30
20
10
5
4
3
2
1
[KV
p]
50
40
30
20
10
5
4
3
2
1
[KVA
r]
1000
500
400
300
200
100
[A
RMS]
100
50
40
30
20
10
Ug
f
u = 5.65 MHz
f
o = 39.75 MHz
Qg
Ig
1
2
5
10
20
50
100
200
500
f
[MHz]
TOSZ 080110 30 KVp 25 pF
TOSZ 100110 30 KVp 50 pF
TOSZ 118078 30 KVp 50 pF
TOSZ 118078 30 KVp 75 pF
[KV
p]
50
40
30
20
10
5
4
3
2
1
[KVA
r]
1000
500
400
300
200
100
[A
RMS]
200
150
100
50
40
30
20
10
1
2
5
10
20
50
100
200
500
f
[MHz]
Ug
f
u = 5.65 MHz
f
o = 89.44 MHz
Qg
Ig
TOSZ 120055 9 KVp 160 pF
TOSZ 1200055 9 KVp 250 pF
Ug
f
u = fo = 21.1 MHz
Qg
Ig
[KVA
r]
1000
862
500
400
300
200
100
[A
RMS]
135
100
50
40
30
20
10
[KV
p]
50
40
30
20
10
5
4
3
2
1
1
2
5
10
20
50
100
200
500
f
[MHz]
TOSZ 118100 30 KVp 100 pF
TOSW 118115 13.5 KVp 125 pF
Ug
f
u = 3.18 MHz
f
o = 25.44 MHz
Qg
Ig
0.1
0.5
1
2
5
10
20
50
f
[MHz]
[KV
p]
30
20
10
5
4
3
2
1
[KVA
r]
1000
500
400
300
200
100
[A
RMS]
200
120
100
50
40
30
20
10
[KV
p]
20
13.5
10
5
4
3
2
1
1
2
5
10
20
50
100
200
500
f
[MHz]
[KVA
r]
1941
1500
1000
500
400
300
200
100
[A
RMS]
203
150
100
50
40
30
20
10
Ug
f
u = fo = 21.1 MHz
Qg
Ig
Ug
Qg
Qg
Ug
Ig
Ig
[KV
p]
50
40
30
20
10
5
4
3
2
1
[KVA
r]
1000
500
400
300
200
100
1
2
5
10
20
50
100
200
500
f
[MHz]
[A
RMS]
200
150
100
50
40
30
20
10
Ug
f
u = 3.77 MHz
f
o = 59.63 MHz
Qg
Ig
Qg
Qg
Ug
Ig
Ig
Ug
1
2
5
10
20
50
100
200
500
f
[MHz]
[KV
p]
20
10
5
4
3
2
1
Ug
f
u = fo = 13.56 MHz
Qg
Ig
[KVA
r]
1000
862
500
400
300
200
100
[A
RMS]
135
100
50
40
30
20
10



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com