Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THDT58S Datasheet(PDF) 5 Page - STMicroelectronics

Part # THDT58S
Description  TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

THDT58S Datasheet(HTML) 5 Page - STMicroelectronics

  THDT58S Datasheet HTML 1Page - STMicroelectronics THDT58S Datasheet HTML 2Page - STMicroelectronics THDT58S Datasheet HTML 3Page - STMicroelectronics THDT58S Datasheet HTML 4Page - STMicroelectronics THDT58S Datasheet HTML 5Page - STMicroelectronics THDT58S Datasheet HTML 6Page - STMicroelectronics THDT58S Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
1.0
0.0
Fig. 1: Relative variation of holding current
junction temperature.
2.0
1.0
Fig. 4: Peak forward voltage drop versus peak
forward current (typical values).
I
(A)
TSM
1E-2
1E-1
1E+0
1E+1
1E+2
1E+3
0
5
10
15
20
25
30
t(s)
F=50Hz
Tj initial=25
°C
Fig. 6: Surge peak current versus overload
duration (THDT58S1).
Fig. 2: Capacitance versus reverse applied
voltage (typical values).
Fig. 3: Peak on state voltage versus peak on state
current (typical values).
I
(A)
TSM
t(s)
1E-2
1E-1
1E+0
1E+1
1E+2
1E+3
0
10
20
30
40
F=50Hz
Tj initial=25
°C
Fig. 5: Surge peak current versus overload
duration (THDT58S).
THDT58S / THDT58S1
5/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com