Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THDT58S Datasheet(PDF) 1 Page - STMicroelectronics

Part # THDT58S
Description  TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

THDT58S Datasheet(HTML) 1 Page - STMicroelectronics

  THDT58S Datasheet HTML 1Page - STMicroelectronics THDT58S Datasheet HTML 2Page - STMicroelectronics THDT58S Datasheet HTML 3Page - STMicroelectronics THDT58S Datasheet HTML 4Page - STMicroelectronics THDT58S Datasheet HTML 5Page - STMicroelectronics THDT58S Datasheet HTML 6Page - STMicroelectronics THDT58S Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Application Specific Discretes
A.S.D.
™
THDT58S1
THDT58S
CROWBAR PROTECTION
DUAL ASYMMETRICAL TRANSIENT
SUPPRESSOR
PEAK PULSE CURRENT :
-IPP = 75 A, 10/1000
µs for THDT58S.
-IPP = 35 A, 10/1000
µs for THDT58S1.
HOLDING CURRENT = 150 mA min
BREAKDOWN VOLTAGE = 58 V.
BREAKOVER VOLTAGE = 80V max
FEATURES
SIP 3
This device has been especially designed to
protect subscriber line card interfaces (SLIC)
against transient overvoltages.
Its ion-implanted technology confers its excellent
electrical characteristics.
This is why this device easily fulfils the main
protection standards which are related to the
overvoltages suppression on telecom lines.
The product pinout is compatible with TO202 and
TO220 packages.
DESCRIPTION
1
2
3
4
NC
Tip
Ring
GND
SCHEMATIC DIAGRAM
TRANSIENT VOLTAGE SUPPRESSOR
FOR SLIC PROTECTION
February 1998 - Ed: 3
CCITT K20 :
10/700
µs
1kV
5/310
µs
25A
VDE 0433 :
10/700
µs
2kV
5/200
µs
45/50A(*)
VDE 0878 :
1.2/50
µs
1.5kV
1/20
µs
40A
CNET I3124:
0.5/700
µs
1kV
0.2/310
µs
25A
BELLCORE
TR-NWT-001089 :
10/1000
µs
1kV
10/1000
µs
35/75A (*)
(*) with series resistors or PTC.
COMPLIESWITH THE FOLLOWING STANDARDS :
TM: ASD is trademarks of SGS-THOMSON Microelectronics.
1/7


Similar Part No. - THDT58S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
THDT-95001 ETC2-THDT-95001 Datasheet
202Kb / 1P
MINIATURE THRESHOLD DETECTOR
logo
STMicroelectronics
THDT6511D STMICROELECTRONICS-THDT6511D Datasheet
54Kb / 6P
TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Feb-1998
THDT6511D STMICROELECTRONICS-THDT6511D Datasheet
126Kb / 6P
TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Aug-2001
THDT6511DRL STMICROELECTRONICS-THDT6511DRL Datasheet
54Kb / 6P
TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Feb-1998
THDT6511DRL STMICROELECTRONICS-THDT6511DRL Datasheet
126Kb / 6P
TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Aug-2001
More results

Similar Description - THDT58S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LCP1511D STMICROELECTRONICS-LCP1511D Datasheet
64Kb / 7P
PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Feb-1998
LCP1521 STMICROELECTRONICS-LCP1521 Datasheet
112Kb / 9P
PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Sep-1999
THBT200S STMICROELECTRONICS-THBT200S Datasheet
66Kb / 7P
TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Feb-1998
THBT200S1 STMICROELECTRONICS-THBT200S1 Datasheet
67Kb / 7P
TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Feb-1998
THDT6511D STMICROELECTRONICS-THDT6511D Datasheet
54Kb / 6P
TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Feb-1998
LCP1521S STMICROELECTRONICS-LCP1521S Datasheet
125Kb / 11P
PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
07-Jul-2006
LCP1521S STMICROELECTRONICS-LCP1521S_06 Datasheet
175Kb / 11P
Programmable transient voltage suppressor for SLIC protection
07-Jul-2006
THDT6511D STMICROELECTRONICS-THDT6511D_01 Datasheet
126Kb / 6P
TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Aug-2001
LCP1531RL STMICROELECTRONICS-LCP1531RL Datasheet
153Kb / 10P
Programmable transient voltage suppressor for SLIC protection
27-Aug-2013
LCP154DJF STMICROELECTRONICS-LCP154DJF Datasheet
302Kb / 13P
Programmable transient voltage suppressor for SLIC protection
25-Sep-2015
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com