Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UG8HT Datasheet(PDF) 1 Page - Vishay Siliconix

Part # UG8HT
Description  High Voltage Ultrafast Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UG8HT Datasheet(HTML) 1 Page - Vishay Siliconix

  UG8HT Datasheet HTML 1Page - Vishay Siliconix UG8HT Datasheet HTML 2Page - Vishay Siliconix UG8HT Datasheet HTML 3Page - Vishay Siliconix UG8HT Datasheet HTML 4Page - Vishay Siliconix UG8HT Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UG(F,B)8HT & UG(F,B)8JT
Vishay General Semiconductor
Document Number: 88767
Revision: 12-Nov-07
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
1
High Voltage Ultrafast Rectifier
FEATURES
• Glass passivated chip junction
• Ultrafast recovery time
• Soft recovery characteristics
• Low switching losses, high efficiency
• High forward surge capability
• Meets MSL level 1, per J-STD-020, LF maximum
peak of 245 °C (for TO-263AB package)
• Solder dip 260 °C, 40 s (for TO-220AC and
ITO-220AC package)
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
TYPICAL APPLICATIONS
For use in high voltage and high frequency power
factor correction application.
MECHANICAL DATA
Case: TO-220AC, ITO-220AC, TO-263AB
Epoxy meets UL 94V-0 flammability rating
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD22-B102
E3 suffix for consumer grade, meets JESD 201 class
1A whisker test, HE3 suffix for high reliability grade
(AEC Q101 qualified), meets JESD 201 class 2
whisker test
Polarity: As marked
Mounting Torque: 10 in-lbs maximum
PRIMARY CHARACTERISTICS
IF(AV)
8 A
VRRM
500 V, 600 V
IFSM
100 A
trr
25 ns
tfr
500 ns
VF
1.5 V
TJ max.
150 °C
CASE
PIN 2
PIN 1
TO-220AC
UG8xT
ITO-220AC
UGF8xT
UGB8xT
PIN 1
PIN 2
K
HEATSINK
1
2
1
2
K
PIN 2
PIN 1
TO-263AB
1
2
MAXIMUM RATINGS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
UG8HT
UG8JT
UNIT
Maximum repetitive peak reverse voltage
VRRM
500
600
V
Maximum working reverse voltage
VRWM
400
480
V
Maximum RMS voltage
VRMS
350
420
V
Maximum DC blocking voltage
VDC
500
600
V
Maximum average forward rectified current
IF(AV)
8.0
A
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load
IFSM
100
A
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 150
°C
Isolation voltage (ITO-220AB only)
from terminals to heatsink t = 1 min
VAC
1500
V


Similar Part No. - UG8HT

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
UG8HT GE-UG8HT Datasheet
41Kb / 2P
ULTRAFAST SOFT RECOVERY RECTIFIER
More results

Similar Description - UG8HT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH112 STMICROELECTRONICS-STTH112 Datasheet
60Kb / 6P
HIGH VOLTAGE ULTRAFAST RECTIFIER
Jan-2003
STTH112 STMICROELECTRONICS-STTH112_07 Datasheet
88Kb / 7P
High voltage ultrafast rectifier
20-Mar-2007
STTH310 STMICROELECTRONICS-STTH310_07 Datasheet
85Kb / 7P
High voltage ultrafast rectifier
03-Apr-2007
logo
Vishay Siliconix
UG5JT VISHAY-UG5JT_07 Datasheet
143Kb / 5P
High Voltage Ultrafast Rectifier
09-Nov-07
UH10JT VISHAY-UH10JT Datasheet
130Kb / 5P
High Voltage Ultrafast Rectifier
25-Aug-08
UGF8XT VISHAY-UGF8XT Datasheet
133Kb / 5P
High Voltage Ultrafast Rectifier
21-Aug-13
UGFB5HT VISHAY-UGFB5HT Datasheet
134Kb / 5P
High Voltage Ultrafast Rectifier
09-Nov-07
UH5JT VISHAY-UH5JT_V01 Datasheet
120Kb / 4P
High Voltage Ultrafast Rectifier
07-Dec-12
UH8JT VISHAY-UH8JT_V01 Datasheet
129Kb / 5P
High Voltage Ultrafast Rectifier
13-May-08
logo
STMicroelectronics
STTH240F04 STMICROELECTRONICS-STTH240F04 Datasheet
305Kb / 9P
Ultrafast high voltage rectifier
May 2015
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com