Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UG18DCT Datasheet(PDF) 1 Page - Vishay Siliconix

Part # UG18DCT
Description  Dual Common-Cathode Ultrafast Plastic Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UG18DCT Datasheet(HTML) 1 Page - Vishay Siliconix

  UG18DCT Datasheet HTML 1Page - Vishay Siliconix UG18DCT Datasheet HTML 2Page - Vishay Siliconix UG18DCT Datasheet HTML 3Page - Vishay Siliconix UG18DCT Datasheet HTML 4Page - Vishay Siliconix UG18DCT Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UG(F,B)18ACT thru UG(F,B)18DCT
Vishay General Semiconductor
Document Number: 88759
Revision: 09-Nov-07
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
1
Dual Common-Cathode Ultrafast Plastic Rectifier
FEATURES
• Glass passivated chip junction
• Ultrafast recovery time
• Low switching losses, high efficiency
• Low forward voltage drop
• High forward surge capability
• Meets MSL level 1, per J-STD-020, LF maximum
peak of 245 °C (for TO-263AB package)
• Solder dip 260 °C, 40 s (for TO-220AB and
ITO-220AB package)
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
TYPICAL APPLICATIONS
For use in high frequency rectifier of switching mode
power
supplies,
inverters,
freewheeling
diodes,
dc-to-dc converters, and other power switching
application.
MECHANICAL DATA
Case: TO-220AB, ITO-220AB, TO-263AB
Epoxy meets UL 94V-0 flammability rating
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD22-B102
E3 suffix for consumer grade, meets JESD 201 class
1A whisker test, HE3 suffix for high reliability grade
(AEC Q101 qualified), meets JESD 201 class 2
whisker test
Polarity: As marked
Mounting Torque: 10 in-lbs maximum
PRIMARY CHARACTERISTICS
IF(AV)
18 A
VRRM
50 V to 200 V
IFSM
175 A
trr
20 ns
VF
0.95 V
TJ max.
150 °C
CASE
PIN 2
PIN 1
PIN 3
TO-220AB
UG18xCT Series
ITO-220AB
UGF18xCT Series
UGB18xCT Series
PIN 1
PIN 2
K
HEATSINK
1
2
3
1
2
K
PIN 2
PIN 1
PIN 3
TO-263AB
1
2
3
MAXIMUM RATINGS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
UG18ACT
UG18BCT
UG18CCT
UG18DCT
UNIT
Maximum repetitive peak reverse voltage
VRRM
50
100
150
200
V
Maximum RMS voltage
VRMS
35
70
105
140
V
Maximum DC blocking voltage
VDC
50
100
150
200
V
Maximum average forward rectified current at TC = 105 °C
IF(AV)
18
A
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load per diode
IFSM
175
A
Operating junction and storage temperature range
TJ, TSTG
- 65 to + 150
°C
Isolation voltage (ITO-220AB only)
from terminal to heatsink t = 1 min
VAC
1500
V


Similar Part No. - UG18DCT

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
UG18DCT GE-UG18DCT Datasheet
80Kb / 2P
ULTRAFAST EFFICIENT PLASTIC RECTIFIER
logo
Vishay Siliconix
UG18DCT VISHAY-UG18DCT Datasheet
157Kb / 5P
Dual Common Cathode Ultrafast Plastic Rectifier
05-Jun-2019
logo
Inchange Semiconductor ...
UG18DCT ISC-UG18DCT Datasheet
440Kb / 3P
Ultrafast Recovery Diode
logo
Vishay Siliconix
UG18DCT-E3 VISHAY-UG18DCT-E3 Datasheet
153Kb / 5P
Dual Common Cathode Ultrafast Plastic Rectifier
24-Feb-16
UG18DCT-E3/45 VISHAY-UG18DCT-E3/45 Datasheet
189Kb / 4P
Dual Common Cathode Ultrafast Plastic Rectifier
24-Feb-15
More results

Similar Description - UG18DCT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
U30BCT VISHAY-U30BCT Datasheet
152Kb / 5P
Dual Common-Cathode Ultrafast Plastic Rectifier
27-Aug-08
UG8JCT VISHAY-UG8JCT_07 Datasheet
158Kb / 5P
Dual Common-Cathode Ultrafast Plastic Rectifier
09-Nov-07
UB20BCT-E3 VISHAY-UB20BCT-E3 Datasheet
145Kb / 5P
Dual Common Cathode Ultrafast Plastic Rectifier
30-Oct-13
FEP16XT VISHAY-FEP16XT Datasheet
152Kb / 5P
Dual Common Cathode Ultrafast Plastic Rectifier
23-Feb-16
U20XCT-E3 VISHAY-U20XCT-E3 Datasheet
150Kb / 5P
Dual Common Cathode Ultrafast Plastic Rectifier
30-Oct-13
U30XCT-E3 VISHAY-U30XCT-E3 Datasheet
146Kb / 5P
Dual Common Cathode Ultrafast Plastic Rectifier
30-Oct-13
UG18XCT VISHAY-UG18XCT Datasheet
153Kb / 5P
Dual Common Cathode Ultrafast Plastic Rectifier
24-Feb-16
UG18CT VISHAY-UG18CT Datasheet
189Kb / 4P
Dual Common Cathode Ultrafast Plastic Rectifier
24-Feb-15
UG30APT-E3 VISHAY-UG30APT-E3_V01 Datasheet
88Kb / 5P
Dual Common Cathode Ultrafast Plastic Rectifier
27-May-2020
GI2401 VISHAY-GI2401_V01 Datasheet
131Kb / 5P
Dual Common Cathode Ultrafast Plastic Rectifier
15-Nov-17
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com