Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UG18DCT Datasheet(PDF) 3 Page - Vishay Siliconix

Part # UG18DCT
Description  Dual Common-Cathode Ultrafast Plastic Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UG18DCT Datasheet(HTML) 3 Page - Vishay Siliconix

  UG18DCT Datasheet HTML 1Page - Vishay Siliconix UG18DCT Datasheet HTML 2Page - Vishay Siliconix UG18DCT Datasheet HTML 3Page - Vishay Siliconix UG18DCT Datasheet HTML 4Page - Vishay Siliconix UG18DCT Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UG(F,B)18ACT thru UG(F,B)18DCT
Vishay General Semiconductor
Document Number: 88759
Revision: 09-Nov-07
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
3
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Figure 1. Forward Current Derating Curve
Figure 2. Maximum Non-Repetitive Peak Forward Surge
Current Per Diode
Figure 3. Typical Instantaneous Forward Characteristics Per Diode
0
25
50
75
100
125
150
175
0
4
8
12
16
20
24
Case Temperature (°C)
Resistive or Inductive Load
1
10
100
10
100
1000
T
C = 105 °C
8.3 ms Single Half Sine-Wave
Number of Cycles at 60 Hz
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.1
1
10
100
Instantaneous Forward Voltage (V)
T
J = 25 °C
Pulse Width = 300 µs
1 % Duty Cycle
Figure 4. Typical Reverse Leakage Characteristics Per Diode
Figure 5. Reverse Switching Characteristics Per Diode
Figure 6. Typical Junction Capacitance Per Diode
0
20
40
60
80
100
0.01
0.1
1
10
100
1000
Percent of Rated Peak Reverse Voltage (%)
T
J = 100 °C
T
J = 125 °C
T
J = 25 °C
0
25
50
75
100
125
150
175
0
10
20
30
40
50
60
Junction Temperature (°C)
150 A/µs
100 A/µs
20 A/µs
20 A/µs
50 A/µs
100 A/µs
150 A/µs
50 A/µs
t
rr
Q
rr
dI/dt =
I
F = 9.0 A
V
R = 30 V
0.1
1
10
100
1
10
100
Reverse Voltage (V)
T
J = 125 °C
f = 1.0 MHz
V
sig = 50 mVp-p



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com