Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSC Datasheet(PDF) 1 Page - Vishay Siliconix

Part # PSC
Description  Spiral Chip Inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PSC Datasheet(HTML) 1 Page - Vishay Siliconix

  PSC Datasheet HTML 1Page - Vishay Siliconix PSC Datasheet HTML 2Page - Vishay Siliconix PSC Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Document Number: 61050
For technical questions, contact: efi@vishay.com
www.vishay.com
Revision: 14-Mar-08
125
PSC
Vishay Electro-Films
Spiral Chip Inductor
The PSC Chip Inductors offer the best combination of size
and value available. Generally custom built to specific value
requirements, two versions are offered here.
These chips are manufactured using Vishay Electro-Films
(EFI) sophisticated Thin Film equipment and manufacturing
technology. The PSCs are 100 % electrically tested for
inductance and Q.
FEATURES
• Wire bondable
• Small chip size: 0.050 inches square
• Alumina substrate
• Inductance up to 150 nH
• Inductor material: Thin film gold
APPLICATIONS
Primary application is in microwave circuits as resistant element or as choke in power supplies. High self-resonance is important
for choke applications and achieved by reducing capacitance between turns by physically increasing space between spiral lines.
Multi tap coils are available for wire bond tuning but since inductors are very sensitive to pattern width/spacing and metallization
thickness almost all are custom built to specification desired.
Custom values/sizes available. Quartz substrate available for higher Q.
Consult Application Engineer
Product may not
be to scale
VALUES AND TOLERANCES
TYPE S Single Bond
TYPE T Tunable
Q at 1 MHz
0.05
0.08
Tolerances
± 5 % to ± 25 %
± 10 % to ± 25 %
Steps
3 x 9 %
STANDARD ELECTRICAL SPECIFICATIONS
PARAMETER
Operating Temperature Range
- 55 °C + 125 °C
Dielectric Constant
9.8 for alumina
Coil Resistance
< 5
Ω
Insulation Resistance
1012
Ω min.


Similar Part No. - PSC

ManufacturerPart #DatasheetDescription
logo
Power-One
PSC POWER-ONE-PSC Datasheet
213Kb / 3P
6 to 12 A Switching Regulators
logo
DDK Ltd.
PSC DDK-PSC Datasheet
199Kb / 3P
SMB Connector
logo
Eaton All Rights Reserv...
PSC EATON-PSC Datasheet
206Kb / 6P
General-Purpose and Sensor Power Supplies
April 2019
logo
Clarke International
PSC CLARKE-PSC Datasheet
307Kb / 8P
SPRAY GUN
0903
logo
Mini-Circuits
PSC-10-1 MINI-PSC-10-1 Datasheet
201Kb / 1P
Power Splitter/Combiner
More results

Similar Description - PSC

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
1008HT COILCRAFT-1008HT Datasheet
219Kb / 2P
Chip Inductor
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
Chip Inductor Power Inductor
logo
List of Unclassifed Man...
KS10N ETC1-KS10N Datasheet
91Kb / 1P
Spiral Wraps
561-W10NAC ETC2-561-W10NAC Datasheet
143Kb / 2P
Natural Spiral Wrap
logo
XFMRS Inc.
XFEB30-322513 XFMRS-XFEB30-322513 Datasheet
43Kb / 1P
CHIP INDUCTOR
logo
Vishay Siliconix
RFLW3N VISHAY-RFLW3N Datasheet
307Kb / 5P
High Frequency Wire Bondable RF Spiral Inductor
17-Sep-13
RFLW5N VISHAY-RFLW5N Datasheet
265Kb / 5P
High Frequency Wire Bondable RF Spiral Inductor, 0.050" x 0.050"
17-Sep-13
logo
OEN India Limited
04-SWP1259C OENINDIA-04-SWP1259C Datasheet
55Kb / 1P
Spiral Wrap
logo
Vishay Siliconix
RFLW3N VISHAY-RFLW3N_V01 Datasheet
364Kb / 5P
High Frequency Wire Bondable RF Spiral Inductor, 0.030" x 0.030"
30-Jan-2020
RFLW5N VISHAY-RFLW5N_V01 Datasheet
274Kb / 5P
High Frequency Wire Bondable RF Spiral Inductor, 0.050" x 0.050"
29-Jan-2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com