Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCB2 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # VCB2
Description  3.3, 5.0 volt CMOS Oscillator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VCB2 Datasheet(HTML) 1 Page - Vectron International, Inc

  VCB2 Datasheet HTML 1Page - Vectron International, Inc VCB2 Datasheet HTML 2Page - Vectron International, Inc VCB2 Datasheet HTML 3Page - Vectron International, Inc VCB2 Datasheet HTML 4Page - Vectron International, Inc VCB2 Datasheet HTML 5Page - Vectron International, Inc VCB2 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Vectron International 267 Lowell Road, Hudson NH 03051
Tel: 1-88-VECTRON-1
e-mail: vectron@vectron.com
VCB2 series
3.3, 5.0 volt CMOS Oscillator
The VCB2 Crystal Oscillator
Features
• CMOS output
• Output frequencies to 160 MHz
• Tri-state output for board test and debug
• 0/70 or –40/85 °C operating temperature
• Product is compliant to RoHS directive
and fully compatible with lead free assembly
Applications
• SONET/SDH/DWDM
• Ethernet, Gigabit Ethernet
• Storage Area Network
• Digital Video
• Broadband Access
• Microprocessors/DSP/FPGA
Description
Vectron’s VCB2 Crystal Oscillator (XO) is quartz
stabilized square wave generator with a CMOS
output, operating off a 3.3 or 5.0 volt supply.
The VCB2 uses fundamental or 3
rd overtone
crystals, for output frequencies < 80MHz,
resulting in low jitter performance, typically 0.5ps
rms in the 12 kHz to 20MHz band.
fo
Output
Buffer /
Disable


Similar Part No. - VCB2

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
VCB01NC1 JDSU-VCB01NC1 Datasheet
137Kb / 4P
Voltage-Controlled Optical Attenuators
VCB01NC2 JDSU-VCB01NC2 Datasheet
137Kb / 4P
Voltage-Controlled Optical Attenuators
logo
List of Unclassifed Man...
VCB1 ETC-VCB1 Datasheet
157Kb / 2P
3.0 or 5.0 Vdc Option Low Cost 1 to 160 MHz Enable Disable Option TTL/CMOS Compatible
logo
GREEGOO Electric Co.,Lt...
VCB1-24 GREEGOO-VCB1-24 Datasheet
1Mb / 16P
Indoor Vacuum Circuit Breaker
logo
Vectron International, ...
VCB1-A0A-25M00 VECTRON-VCB1-A0A-25M00 Datasheet
538Kb / 6P
3.3, 5.0 volt CMOS Oscillator
More results

Similar Description - VCB2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VCC1-A3A ETC1-VCC1-A3A Datasheet
202Kb / 10P
1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
logo
Vectron International, ...
VCC4 VECTRON-VCC4 Datasheet
149Kb / 9P
1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
VCC1 VECTRON-VCC1 Datasheet
179Kb / 10P
1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
VCA1 VECTRON-VCA1 Datasheet
92Kb / 6P
3.3, 5.0 volt CMOS Oscillator
CCFCCA-25M125 VECTRON-CCFCCA-25M125 Datasheet
183Kb / 7P
3.3, 5.0 volt CMOS Oscillator
VCA3 VECTRON-VCA3 Datasheet
115Kb / 6P
3.3, 5.0 volt CMOS Oscillator
VCB1 VECTRON-VCB1_06 Datasheet
538Kb / 6P
3.3, 5.0 volt CMOS Oscillator
CCFCCA-25M000 VECTRON-CCFCCA-25M000 Datasheet
183Kb / 7P
3.3, 5.0 volt CMOS Oscillator
VCC4 VECTRON-VCC4_10 Datasheet
122Kb / 9P
1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
VCE1 VECTRON-VCE1 Datasheet
109Kb / 5P
3.3, 5.0 volt CMOS Oscillator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com