Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCB2 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # VCB2
Description  3.3, 5.0 volt CMOS Oscillator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VCB2 Datasheet(HTML) 2 Page - Vectron International, Inc

  VCB2 Datasheet HTML 1Page - Vectron International, Inc VCB2 Datasheet HTML 2Page - Vectron International, Inc VCB2 Datasheet HTML 3Page - Vectron International, Inc VCB2 Datasheet HTML 4Page - Vectron International, Inc VCB2 Datasheet HTML 5Page - Vectron International, Inc VCB2 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Vectron International 267 Lowell Rd, Hudson NH 03051
Tel: 1-88-VECTRON-1
e-mail: vectron@vectron.com
Performance Characteristics
Table 1. Electrical Performance, 5V option
Parameter
Symbol
Min
Typical
Maximum
Units
Frequency
fO
0.032768
160.000
MHz
Operating Supply Voltage
1
VDD
4.5
5.0
5.5
V
Absolute Maximum Supply Voltage
-0.7
7.0
V
Supply Current, Output Enabled
0.032768 to 2.0 MHz
2.01 to 30 MHz
30.01 to 50 MHz
50.01 to 160.00 MHz
IDD
10
15
40
50
mA
Output Logic Levels
Output Logic High
2
Output Logic Low
2
VOH
VOL
0.9*VDD
0.1*VDD
V
V
Output Rise/Fall Time
2
0.032768 to 2.00 MHz
2.01 to 20.00 MHz
20.01 to 160.00 MHz
tR/tF
10
8
5
ns
Duty Cycle
3 (ordering option)
SYM
40/60 or 45/55
%
Operating Temperature (ordering option)TOP
0/70 or -40/85
°C
Storage Temperature
TSTOR
-55
125
°C
Stability
4 (ordering option)
∆F/T
±20, ±25, ±32, ±50, ±100
ppm
Output Enable/Disable
5
Output Enabled
Output Disabled
E/D
4.0
0.8
V
Start-up time
TSU
10
ms
1. A 0.01uF and a 0.1uF capacitor should be located as close to the supply as possible (to ground) is recommended.
2. Figure 1 defines these parameters. Figure 2 illustrates the operating conditions under which these parameters are tested and
specified.
3. Symmetry is measured defined as On Time/Period.
4. Includes calibration tolerance, operating temperature, supply voltage variations, aging and shock and vibration (not under
operation).
5. Output will be enabled if enable/disable is left open.
Figure 1. Output Waveform
Figure 2. Typical Output Test Conditions (25
±5°C)
+
-
+
-
IC
VC
3
2
.1µF
.01
µF
15pF
4
1
IDD
VDD
V
OH
50%
V
OL
tF
tR
Period
On Time



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com