Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCS3 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # VCS3
Description  1.8, 2.5, 3.3 volt CMOS Oscillator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VCS3 Datasheet(HTML) 1 Page - Vectron International, Inc

  VCS3 Datasheet HTML 1Page - Vectron International, Inc VCS3 Datasheet HTML 2Page - Vectron International, Inc VCS3 Datasheet HTML 3Page - Vectron International, Inc VCS3 Datasheet HTML 4Page - Vectron International, Inc VCS3 Datasheet HTML 5Page - Vectron International, Inc VCS3 Datasheet HTML 6Page - Vectron International, Inc VCS3 Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Vectron International 267 Lowell Road, Hudson NH 03051
Tel: 1-88-VECTRON-1
e-mail: vectron@vectron.com
VCS3 series
1.8, 2.5, 3.3 volt CMOS Oscillator
VCS3 Crystal Oscillator
Features
• Quick delivery
• CMOS output
• 3.2mm x 2.5mm x 1.2 mm
• Output frequencies to 200.00 MHz
• Tri-state output for board test and debug
• -10/70 or –40/85 °C operating temperature
• Gold over nickel contact pads
• Hermetically sealed ceramic SMD package
• Product is compliant to RoHS directive
and fully compatible with lead free assembly
Applications
• SONET/SDH/DWDM
• Ethernet, Gigabit Ethernet
• Storage Area Network
• Digital Video
• Broadband Access
• Microprocessors/DSP/FPGA
Description
Vectron’s VCS3 Crystal Oscillator (XO) is quartz
stabilized square wave generator with a CMOS
output, operating from a 1.8, 2.5 or 3.3 volt
supply.
The VCS3 utilized a high performance, low
frequency quartz resonator followed by a
custom ASIC to synthesize the output
frequency.
fo
Output
Buffer /
Disable


Similar Part No. - VCS3

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VCS3 VECTRON-VCS3 Datasheet
120Kb / 7P
1.8, 2.5, 3.3 volt CMOS Oscillator
VCS3-B3B-75M000 VECTRON-VCS3-B3B-75M000 Datasheet
120Kb / 7P
1.8, 2.5, 3.3 volt CMOS Oscillator
logo
Vishay Siliconix
VCS301 VISHAY-VCS301 Datasheet
162Kb / 4P
Bulk Metal® Foil Technology High Precision 4-Terminal Power Current Sensing Resistors with TCR as low as ± 1 ppm/°C and Tolerance ± 0.1 %
26-Jun-07
VCS301T0R2500BB VISHAY-VCS301T0R2500BB Datasheet
162Kb / 4P
Bulk Metal® Foil Technology High Precision 4-Terminal Power Current Sensing Resistors with TCR as low as ± 1 ppm/°C and Tolerance ± 0.1 %
26-Jun-07
VCS301T0R2500DB VISHAY-VCS301T0R2500DB Datasheet
162Kb / 4P
Bulk Metal® Foil Technology High Precision 4-Terminal Power Current Sensing Resistors with TCR as low as ± 1 ppm/°C and Tolerance ± 0.1 %
26-Jun-07
More results

Similar Description - VCS3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VCC1-A3A ETC1-VCC1-A3A Datasheet
202Kb / 10P
1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
logo
MTRONPTI
M210X MTRONPTI-M210X Datasheet
347Kb / 2P
5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML, Clock Oscillator
M220X MTRONPTI-M220X Datasheet
340Kb / 2P
9x14 mm, 3.3/2.5/1.8 Volt, PECL/LVDS/CML, Clock Oscillator
logo
Vectron International, ...
VCC4 VECTRON-VCC4 Datasheet
149Kb / 9P
1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
logo
MTRONPTI
M210X MTRONPTI-M210X_07 Datasheet
367Kb / 3P
5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML, Clock Oscillator
M220X MTRONPTI-M220X_07 Datasheet
362Kb / 3P
9x14 mm, 3.3/2.5/1.8 Volt, PECL/LVDS/CML, Clock Oscillator
logo
Vectron International, ...
VCC1 VECTRON-VCC1 Datasheet
179Kb / 10P
1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
logo
MTRONPTI
M210X MTRONPTI-M210X_08 Datasheet
761Kb / 7P
5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML, Clock Oscillator
logo
Vectron International, ...
VCC4 VECTRON-VCC4_10 Datasheet
122Kb / 9P
1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
VCS3 VECTRON-VCS3_11 Datasheet
120Kb / 7P
1.8, 2.5, 3.3 volt CMOS Oscillator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com