Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCS3 Datasheet(PDF) 3 Page - Vectron International, Inc

Part # VCS3
Description  1.8, 2.5, 3.3 volt CMOS Oscillator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VCS3 Datasheet(HTML) 3 Page - Vectron International, Inc

  VCS3 Datasheet HTML 1Page - Vectron International, Inc VCS3 Datasheet HTML 2Page - Vectron International, Inc VCS3 Datasheet HTML 3Page - Vectron International, Inc VCS3 Datasheet HTML 4Page - Vectron International, Inc VCS3 Datasheet HTML 5Page - Vectron International, Inc VCS3 Datasheet HTML 6Page - Vectron International, Inc VCS3 Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
VCS3 Data Sheet
Vectron International 267 Lowell Rd, Hudson NH 03051
Tel: 1-88-VECTRON-1
e-mail vectron@vectron.com
Table 2. Electrical Performance, 2.5V option
Parameter
Symbol
Min
Typical
Maximum
Units
Frequency
fO
0.8
166.000
MHz
Operating Supply Voltage
1
VDD
2.25
2.5
2.75
V
Absolute Maximum Voltage
-0.5
5.0
V
Supply Current, Output Enabled
< 30 MHz
30.01 to 75 MHz
75.01 to 166 MHz
IDD
8.0
10.0
15.0
mA
Supply Current, Out disabled
IDD
30
uA
Output Logic Levels
Output Logic High
2
Output Logic Low
2
Output Logic High Drive
Output Logic Low Drive
Output Logic High Drive
3
Output Logic Low Drive
3
VOH
VOL
IOH
IOL
IOH
IOL
0.9*VDD
4
4
8
8
0.1*VDD
V
V
mA
mA
mA
mA
Output Rise/Fall Time
2
tR/tF
5
ns
Duty Cycle
4 (ordering option)
SYM
45/55
%
Operating Temperature (ordering option)
-10/70 or –40/85
°C
Storage Temperature
-55
125
°C
Stability
5 (ordering option)
±25, ±50, ±100
ppm
Output Enable/Disable
6
Output Enabled
Output Disabled
1.75
0.5
V
Internal Enable Pull-Up resistor
6
100
Kohm
Start-up time
10
ms
1. A 0.01uF and a 0.1uF capacitor should be located as close to the supply as possible (to ground) is recommended.
2. Figure 3 defines these parameters. Figure 4 illustrates the operating conditions under which these parameters are tested and
specified.
3. Overtone designs, output frequencies>35MHz.
4. Symmetry is measured defined as On Time/Period.
5. Includes calibration tolerance, operating temperature, supply voltage variations, aging and shock and vibration (not under
operation).
6. Output will be enabled if enable/disable is left open.
Figure 3. Output Waveform
Figure 4. Typical Output Test Conditions (25
±5°C)
+
-
+
-
IC
VC
3
2
.1µF
.01
µF
15pF
4
1
IDD
VDD
80
%
Vs
20
%
t
F
t
R
Period
On Time



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com