Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSDF1920W Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TSDF1920W
Description  25 GHz Silicon NPN Planar RF Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSDF1920W Datasheet(HTML) 2 Page - Vishay Siliconix

  TSDF1920W Datasheet HTML 1Page - Vishay Siliconix TSDF1920W Datasheet HTML 2Page - Vishay Siliconix TSDF1920W Datasheet HTML 3Page - Vishay Siliconix TSDF1920W Datasheet HTML 4Page - Vishay Siliconix TSDF1920W Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
2
Document Number 85092
Rev. 1.4, 05-Sep-08
TSDF1920W
Vishay Semiconductors
Electrical DC Characteristics
Tamb = 25 °C, unless otherwise specified
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Collector-emitter cut-off current
VCE = 5 V, VBE = 0
ICES
100
μA
Collector-base cut-off current
VCB = 5 V, IE = 0
ICBO
100
nA
Collector-emitter breakdown
voltage
IC = 1 mA, IB = 0
V(BR)CEO
3.5
V
Collector-emitter saturation
voltage
IC = 30 mA, IB = 3 mA
VCEsat
0.1
0.25
V
DC forward current transfer ratio VCE = 2 V, IC = 20 mA
hFE
50
100
150



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com