Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSDF1920W Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TSDF1920W
Description  25 GHz Silicon NPN Planar RF Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSDF1920W Datasheet(HTML) 3 Page - Vishay Siliconix

  TSDF1920W Datasheet HTML 1Page - Vishay Siliconix TSDF1920W Datasheet HTML 2Page - Vishay Siliconix TSDF1920W Datasheet HTML 3Page - Vishay Siliconix TSDF1920W Datasheet HTML 4Page - Vishay Siliconix TSDF1920W Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TSDF1920W
Document Number 85092
Rev. 1.4, 05-Sep-08
Vishay Semiconductors
www.vishay.com
3
Electrical AC Characteristics
Tamb = 25 °C, unless otherwise specified
Package Dimensions in mm
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Transition frequency
VCE = 2 V, IC = 25 mA, f = 1 GHz
fT
24
GHz
Collector-base capacitance
VCB = 2 V, f = 1 MHz
Ccb
0.15
0.3
pF
Collector-emitter capacitance
VCE = 2 V, f = 1 MHz
Cce
0.4
pF
Emitter-base capacitance
VEB = 0.5 V, f = 1 MHz
Ceb
0.6
pF
Noise figure
VCE = 2 V, IC = 5 mA, ZS = ZSopt,
ZL = ZLopt, f = 2 GHz
F1.2
dB
Power gain, maximum stable
gain
VCE = 2 V, IC = 25 mA,
ZS = ZSopt, ZL = ZLopt,
f = 2 GHz
Gpe = Gms =
| S21e/S12e |
19
dB
Transducer gain
VCE = 2 V, IC = 25 mA,
ZS = ZL= 50 Ω, f = 2 GHz
| S21e |
2
13.5
16.4
dB
Third order intercept point at
output
VCE = 2 V, IC = 25 mA,
ZS = ZL= 50 Ω, f = 2 GHz
IP3
22
dBm
1 dB compression point
VCE = 2 V, IC = 25 mA,
ZS = ZL= 50 Ω, f = 2 GHz
P-1dB
12
dBm
96 12238



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com