Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB260 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # USB260
Description  Surface Mount Ultrafast Plastic Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

USB260 Datasheet(HTML) 1 Page - Vishay Siliconix

  USB260 Datasheet HTML 1Page - Vishay Siliconix USB260 Datasheet HTML 2Page - Vishay Siliconix USB260 Datasheet HTML 3Page - Vishay Siliconix USB260 Datasheet HTML 4Page - Vishay Siliconix USB260 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
New Product
USB260
Vishay General Semiconductor
Document Number: 84705
Revision: 13-May-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
1
Surface Mount Ultrafast Plastic Rectifier
FEATURES
• Glass passivated chip junction
• Ideal for automated placement
• Ultrafast recovery times for high efficiency
• Low forward voltage, low power losses
• High forward surge capability
• Meets MSL level 1, per J-STD-020, LF maximum
peak of 260 °C
• Solder dip 260 °C, 40 s
• Component in accordance to RoHS 2002/95/EC
and WEE 2002/96/EC
TYPICAL APPLICATIONS
For
use
in
high
frequency
rectification
and
freewheeling application in switching mode converters
and inverters for consumer, computer, automotive and
telecommunication.
MECHANICAL DATA
Case: DO-214AA (SMB)
Epoxy meets UL 94V-0 flammability rating
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD22-B102
E3 suffix for consumer grade, meets JESD 201 class
1A whisker test, HE3 suffix for high reliability grade
(AEC Q101 qualified), meets JESD 201 class 2
whisker test
Polarity: Color band denotes cathode end
PRIMARY CHARACTERISTICS
IF(AV)
2.0 A
VRRM
600 V
IFSM
90 A
trr
30 ns
VF
1.0 V
TJ max.
150 °C
DO-214AA (SMB)
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETERS
SYMBOL
USB260
UNIT
Device marking code
U60
Maximum repetitive peak reverse voltage
VRRM
600
V
Maximum RMS voltage
VRMS
420
V
Maximum DC blocking voltage
VDC
600
V
Maximum average forward rectified current (Fig. 1)
IF(AV)
2.0
A
Peak forward surge current 8.3 ms single half sine-wave superimposed on rated load
IFSM
90
A
Non-repetitive avalanche energy at IAS = 2.0 A, L = 10 mH, TJ = 25 °C
EAS
20
mJ
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 150
°C


Similar Part No. - USB260

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
USB260 VISHAY-USB260 Datasheet
410Kb / 5P
Surface Mount Ultrafast Plastic Rectifier
14-Dec-05
logo
Shenzhen Taychipst Elec...
USB260 TAYCHIPST-USB260 Datasheet
3Mb / 2P
Surface Mount Ultrafast Plastic Rectifier
logo
SUNMATE electronic Co.,...
USB260 SUNMATE-USB260 Datasheet
544Kb / 2P
SURFACE MOUNT ULTRAFAST PLASTIC RECTIFIER
logo
Vishay Siliconix
USB260 VISHAY-USB260 Datasheet
106Kb / 5P
Surface-Mount Ultrafast Plastic Rectifier
09-Apr-2020
USB260-E3/52T VISHAY-USB260-E3/52T Datasheet
410Kb / 5P
Surface Mount Ultrafast Plastic Rectifier
14-Dec-05
More results

Similar Description - USB260

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MURS140 VISHAY-MURS140 Datasheet
102Kb / 4P
Surface Mount Ultrafast Plastic Rectifier
27-Aug-07
MURS340 VISHAY-MURS340_07 Datasheet
106Kb / 4P
Surface Mount Ultrafast Plastic Rectifier
27-Aug-07
MURS340S VISHAY-MURS340S Datasheet
103Kb / 4P
Surface Mount Ultrafast Plastic Rectifier
01-Aug-08
U1B VISHAY-U1B Datasheet
103Kb / 4P
Surface Mount Ultrafast Plastic Rectifier
13-May-08
MURS340 VISHAY-MURS340_15 Datasheet
88Kb / 6P
Surface Mount Ultrafast Plastic Rectifier
20-Feb-15
U1B VISHAY-U1B_V01 Datasheet
93Kb / 5P
Surface-Mount Ultrafast Plastic Rectifier
09-Apr-2020
MURS240 VISHAY-MURS240_V01 Datasheet
103Kb / 5P
Surface-Mount Ultrafast Plastic Rectifier
08-Apr-2020
MURS460 VISHAY-MURS460_V01 Datasheet
102Kb / 5P
Surface-Mount Ultrafast Plastic Rectifier
13-May-2020
ES1A VISHAY-ES1A_V01 Datasheet
100Kb / 5P
Surface-Mount Ultrafast Plastic Rectifier
01-Apr-2020
ESH2B VISHAY-ESH2B_V01 Datasheet
107Kb / 5P
Surface-Mount Ultrafast Plastic Rectifier
13-May-2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com