Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB260 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # USB260
Description  Surface Mount Ultrafast Plastic Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

USB260 Datasheet(HTML) 3 Page - Vishay Siliconix

  USB260 Datasheet HTML 1Page - Vishay Siliconix USB260 Datasheet HTML 2Page - Vishay Siliconix USB260 Datasheet HTML 3Page - Vishay Siliconix USB260 Datasheet HTML 4Page - Vishay Siliconix USB260 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
New Product
USB260
Vishay General Semiconductor
Document Number: 84705
Revision: 13-May-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
3
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Figure 1. Maximum Forward Current Derating Curve
Figure 2. Forward Power Loss Characteristics
Figure 3. Maximum Non-Repetitive Peak Forward Surge Current
0
80
90
100
110
120
130
140
150
3.0
2.0
1.0
Lead Temperature (°C)
P.C.B. Mounted on
0.2 x 0.2" (5.0 x 5.0 mm)
Copper Pad Areas
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6
3.0
2.5
2.0
1.5
1.0
0.5
0
Average Forward Current (A)
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 0.8
D = 1.0
D = t
p/T
t
p
T
1
10
100
Number of Cycles at 60 Hz
60
40
20
0
80
100
Figure 4. Typical Instantaneous Forward Characteristics
Figure 5. Typical Reverse Leakage Characteristics
Figure 6. Typical Junction Capacitance
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
100
10
1
0.1
0.01
0.1
0.6
1.1
1.6
2.1
2.6
3.1
3.6
Instantaneous Forward Voltage (V)
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
1000
100
10
10
20
30
40
50
60
70
80
90
100
1
0.1
0.01
Percent of Rated Peak Reverse Voltage (%)
1000
100
10
1
0.1
1
10
100
Reverse Voltage (V)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com