Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN16 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TN16
Description  16A SCRs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN16 Datasheet(HTML) 2 Page - STMicroelectronics

  TN16 Datasheet HTML 1Page - STMicroelectronics TN16 Datasheet HTML 2Page - STMicroelectronics TN16 Datasheet HTML 3Page - STMicroelectronics TN16 Datasheet HTML 4Page - STMicroelectronics TN16 Datasheet HTML 5Page - STMicroelectronics TN16 Datasheet HTML 6Page - STMicroelectronics TN16 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TN16 and TYNx16 Series
2/7
ELECTRICAL CHARACTERISTICS (Tj = 25°C, unless otherwise specified)
THERMAL RESISTANCES
S = Copper surface under tab
PRODUCT SELECTOR
Symbol
Test Conditions
Value
Unit
IGT
VD = 12 V
RL = 33 Ω
MIN.
2
mA
MAX.
25
VGT
MAX.
1.3
V
VGD
VD = VDRM RL = 3.3 kΩ
Tj = 125°C
MIN.
0.2
V
IH
IT = 500 mA
Gate open
MAX.
40
mA
IL
IG = 1.2 x IGT
MAX.
60
mA
dV/dt
VD = 67 % VDRM Gate open
Tj = 125°C
MIN.
500
V/µs
VTM
ITM = 32 A
tp = 380 µs
Tj = 25°C
MAX.
1.6
V
Vt0
Threshold voltage
Tj = 125°C
MAX.
0.77
V
Rd
Dynamic resistance
Tj = 125°C
MAX.
23
m
Ω
IDRM
IRRM
VDRM = VRRM
Tj = 25°C
MAX.
5
µA
Tj = 125°C
2
mA
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case (DC)
1.1
°C/W
Rth(j-a)
Junction to ambient (DC)
TO-220AB
60
°C/W
S = 1 cm²
D²PAK
45
Part Number
Voltage (xxx)
Sensitivity
Package
600 V
800 V
1000 V
TN1625-xxxG
X
X
X
25 mA
D²PAK
TYNx16
X
X
X
25 mA
TO-220AB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com