Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN16 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TN16
Description  16A SCRs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN16 Datasheet(HTML) 3 Page - STMicroelectronics

  TN16 Datasheet HTML 1Page - STMicroelectronics TN16 Datasheet HTML 2Page - STMicroelectronics TN16 Datasheet HTML 3Page - STMicroelectronics TN16 Datasheet HTML 4Page - STMicroelectronics TN16 Datasheet HTML 5Page - STMicroelectronics TN16 Datasheet HTML 6Page - STMicroelectronics TN16 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TN16 and TYNx16 Series
3/7
ORDERING INFORMATION
TN
16
25 -
600
G (-TR)
STANDARD
SCR
SERIES
CURRENT: 16A
SENSITIVITY:
25: 25mA
VOLTAGE:
600: 600V
800: 800V
1000: 1000V
PACKAGE:
G: D PAK
2
PACKING MODE:
Blank: Tube
-TR: Tape & Reel
TYN
6
16
(RG)
STANDARD
SCR
SERIES
CURRENT: 16A
VOLTAGE:
6: 600V
8: 800V
10: 1000V
PACKING MODE
Blank: Bulk
RG: Tube
OTHER INFORMATION
Note: x = voltage
Part Number
Marking
Weight
Base Quantity
Packing mode
TN1625-x00G
TN1625x00G
1.5 g
50
Tube
TN1625-x00G-TR
TN1625x00G
1.5 g
1000
Tape & reel
TYNx16
TYNx16
2.3 g
250
Bulk
TYNx16RG
TYNx16
2.3 g
50
Tube



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com