Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TYN416 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TYN416
Description  16A SCRs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TYN416 Datasheet(HTML) 1 Page - STMicroelectronics

  TYN416 Datasheet HTML 1Page - STMicroelectronics TYN416 Datasheet HTML 2Page - STMicroelectronics TYN416 Datasheet HTML 3Page - STMicroelectronics TYN416 Datasheet HTML 4Page - STMicroelectronics TYN416 Datasheet HTML 5Page - STMicroelectronics TYN416 Datasheet HTML 6Page - STMicroelectronics TYN416 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
®
TN16 and TYNx16 Series
STANDARD
16A SCRs
April 2002 - Ed: 4A
MAIN FEATURES:
DESCRIPTION
The TYN / TN16 SCR Series is suitable for
general purpose applications.
Using clip assembly technology, they provide a
superior performance in surge current capabilities.
Symbol
Value
Unit
IT(RMS)
16
A
VDRM/VRRM
600 to 1000
V
IGT
25
mA
ABSOLUTE RATINGS (limiting values)
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current (180° conduction angle)
Tc = 110°C
16
A
T(AV)
Average on-state current (180° conduction angle)
Tc = 110°C
10
A
ITSM
Non repetitive surge peak on-state
current
tp = 8.3 ms
Tj = 25°C
200
A
tp = 10 ms
190
I
²tI²t Value for fusing
tp = 10 ms
Tj = 25°C
180
A2S
dI/dt
Critical rate of rise of on-state current
IG = 2 x IGT , tr ≤ 100 ns
F = 60 Hz
Tj = 125°C
50
A/µs
IGM
Peak gate current
tp = 20 µs
Tj = 125°C
4
A
PG(AV)
Average gate power dissipation
Tj = 125°C
1
W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 125
°C
VRGM
Maximum peak reverse gate voltage
5
V
A
K
G
A
A
G
K
G
A
A
K
D2PAK
(TN16-G)
TO-220AB
(TYN)


Similar Part No. - TYN416

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TYN410 STMICROELECTRONICS-TYN410 Datasheet
229Kb / 4P
SCR
Sep-2001
TYN410 STMICROELECTRONICS-TYN410 Datasheet
58Kb / 4P
SCR
Mar-1995
TYN410 STMICROELECTRONICS-TYN410 Datasheet
63Kb / 6P
10A SCR
13-Feb-2006
logo
Kersemi Electronic Co.,...
TYN410 KERSEMI-TYN410 Datasheet
487Kb / 4P
SCR
logo
STMicroelectronics
TYN410RG STMICROELECTRONICS-TYN410RG Datasheet
63Kb / 6P
10A SCR
13-Feb-2006
More results

Similar Description - TYN416

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N660 CENTRAL-2N660 Datasheet
58Kb / 1P
SCRs
logo
Unisonic Technologies
BT151 UTC-BT151_10 Datasheet
211Kb / 5P
SCRS
logo
Nell Semiconductor Co.,...
16PT06AI NELLSEMI-16PT06AI Datasheet
661Kb / 6P
Stansard SCRs, 16A
16PT NELLSEMI-16PT_14 Datasheet
662Kb / 6P
Stansard SCRs, 16A
logo
Unisonic Technologies
BT169B-T92-B UTC-BT169B-T92-B Datasheet
345Kb / 6P
SCRS
logo
Nell Semiconductor Co.,...
16PT NELLSEMI-16PT Datasheet
661Kb / 6P
Stansard SCRs, 16A
logo
Kersemi Electronic Co.,...
TN1625-600G KERSEMI-TN1625-600G Datasheet
417Kb / 7P
16A SCRs
logo
HAOPIN MICROELECTRONICS...
C106D HAOPIN-C106D Datasheet
236Kb / 4P
SCRs
HP20C60 HAOPIN-HP20C60 Datasheet
314Kb / 5P
SCRs
MCR25 HAOPIN-MCR25 Datasheet
444Kb / 5P
SCRs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com