Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TYN416 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TYN416
Description  16A SCRs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TYN416 Datasheet(HTML) 5 Page - STMicroelectronics

  TYN416 Datasheet HTML 1Page - STMicroelectronics TYN416 Datasheet HTML 2Page - STMicroelectronics TYN416 Datasheet HTML 3Page - STMicroelectronics TYN416 Datasheet HTML 4Page - STMicroelectronics TYN416 Datasheet HTML 5Page - STMicroelectronics TYN416 Datasheet HTML 6Page - STMicroelectronics TYN416 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TN16 and TYNx16 Series
5/7
Fig. 6:
Non-repetitive
surge peak on-state
current
for
a
sinusoidal
pulse
with
width
tp < 10 ms, and corresponding value of I²t.
Fig.
7:
On-state
characteristics
(maximum
values).
Fig. 8: Thermal resistance junction to ambient
versus copper surface under tab (Epoxy printed
circuit board FR4, copper thickness: 35
µm) (for
D²PAK).
0.01
0.10
1.00
10.00
10
100
1000
2000
ITSM(A),I 2t(A2s)
Tj initial = 25 °C
ITSM
I2t
dI/dt
limitattion
tp(ms)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
1
10
100
200
ITM(A)
Tj = 25°C
Tj = Tjmax.
Tj max.:
Vto = 0.77V
Rd = 23m
VTM(V)
0
4
8
12
16202428323640
0
10
20
30
40
50
60
70
80
Rth(j-a) ( °C/W)
S (cm2)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com