Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS271C Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS271C
Description  PROGRAMMABLE CMOS SINGLE OPERATIONAL AMPLIFIERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS271C Datasheet(HTML) 1 Page - STMicroelectronics

  TS271C Datasheet HTML 1Page - STMicroelectronics TS271C Datasheet HTML 2Page - STMicroelectronics TS271C Datasheet HTML 3Page - STMicroelectronics TS271C Datasheet HTML 4Page - STMicroelectronics TS271C Datasheet HTML 5Page - STMicroelectronics TS271C Datasheet HTML 6Page - STMicroelectronics TS271C Datasheet HTML 7Page - STMicroelectronics TS271C Datasheet HTML 8Page - STMicroelectronics TS271C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
TS271C,I,M
PROGRAMMABLE CMOS
SINGLE OPERATIONAL AMPLIFIERS
October 1997
.
OFFSET NULL CAPABILITY (by external
compensation)
.
DYNAMIC CHARACTERISTICS
ADJUSTABLE BY ISET
.
CONSUMPTION CURRENT AND DYNAMIC
PARAMETERS ARE STABLE REGARDING
THE VOLTAGE POWER SUPPLY
VARIATIONS
.
OUTPUT
VOLTAGE
CAN
SWING
TO
GROUND
.
VERY LARGE ISET RANGE
.
STABLE AND LOW OFFSET VOLTAGE
.
THREE INPUT OFFSET VOLTAGE
SELECTIONS
DESCRIPTION
The TS271 is a low cost, low power single opera-
tional amplifier designed to operate with single or
1
2
3
45
6
7
8
CC
+
-
-
+
1 - Offset Null 1
2 - Inverting Input
3 - Non-inverting Input
4- V
5 - Offset Null 2
6 - Output
7- V
8- I
CC
SET
PIN CONNECTIONS (top view)
ORDER CODES
Part Number
Temperature
Range
Package
ND
TS271C/AC/BC
0
oC, +70oC
qq
TS271I/AI/BI
-40
oC, +125oC
qq
TS271M/AM/BM
-55
oC, +125oC
qq
Example : TS271ACN
N
DIP8
(Plastic Package)
D
SO8
(Plastic Micropackage)
dual supplies. This operational amplifier uses the
SGS-THOMSON silicon gate CMOS process giv-
ing it an excellent consumption-speed ratio. This
amplifier is ideally suited for low consumption
applications.
The power supply is externally programmable with
a resistor connectedbetween pins 8 and 4. It allows
to choose the best consumption-speed ratio and
supply current can be minimized according to the
required speed. This device is specified for the
following ISET current values : 1.5
µA, 25µA, 130µA.
This CMOS amplifier offers very high input imped-
ance and extremely low input currents. The major
advantage versus JFET devices is the very low
input currents drift with temperature (see figure 3).
1/15


Similar Part No. - TS271C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS271C STMICROELECTRONICS-TS271C Datasheet
163Kb / 15P
CMOS PROGRAMMABLE LOW POWER SINGLE OPERATIONAL AMPLIFIER
Nov-2001
TS271CAC STMICROELECTRONICS-TS271CAC Datasheet
163Kb / 15P
CMOS PROGRAMMABLE LOW POWER SINGLE OPERATIONAL AMPLIFIER
Nov-2001
TS271CB STMICROELECTRONICS-TS271CB Datasheet
163Kb / 15P
CMOS PROGRAMMABLE LOW POWER SINGLE OPERATIONAL AMPLIFIER
Nov-2001
TS271CD STMICROELECTRONICS-TS271CD Datasheet
607Kb / 17P
CMOS Programmable Low Power Single Operational Amplifier
Mar-2005
TS271CDT STMICROELECTRONICS-TS271CDT Datasheet
607Kb / 17P
CMOS Programmable Low Power Single Operational Amplifier
Mar-2005
More results

Similar Description - TS271C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UA776 STMICROELECTRONICS-UA776 Datasheet
99Kb / 8P
PROGRAMMABLE LOW POWER SINGLE OPERATIONAL AMPLIFIERS
Dec-1997
logo
Burr-Brown (TI)
OPA336 BURR-BROWN-OPA336_08 Datasheet
1Mb / 19P
SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS CMOS OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
OPA2336 UTC-OPA2336 Datasheet
168Kb / 6P
SINGLE-SUPPLY, MICROPOWER CMOS OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8055 SGMICRO-SGM8055_15 Datasheet
491Kb / 20P
CMOS Operational Amplifiers
SGM8093 SGMICRO-SGM8093_15 Datasheet
556Kb / 18P
CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_15 Datasheet
525Kb / 19P
CMOS Operational Amplifiers
SGM8623 SGMICRO-SGM8623_15 Datasheet
525Kb / 19P
CMOS Operational Amplifiers
logo
Unisonic Technologies
OPA2336 UTC-OPA2336_15 Datasheet
157Kb / 6P
SINGLE-SUPPLY MICROPOWER CMOS OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA337 TI1-OPA337_16 Datasheet
1Mb / 25P
MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
OPA2336 UTC-OPA2336_17 Datasheet
140Kb / 6P
SINGLE-SUPPLY, MICROPOWER CMOS OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com