Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS271C Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS271C
Description  PROGRAMMABLE CMOS SINGLE OPERATIONAL AMPLIFIERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS271C Datasheet(HTML) 4 Page - STMicroelectronics

  TS271C Datasheet HTML 1Page - STMicroelectronics TS271C Datasheet HTML 2Page - STMicroelectronics TS271C Datasheet HTML 3Page - STMicroelectronics TS271C Datasheet HTML 4Page - STMicroelectronics TS271C Datasheet HTML 5Page - STMicroelectronics TS271C Datasheet HTML 6Page - STMicroelectronics TS271C Datasheet HTML 7Page - STMicroelectronics TS271C Datasheet HTML 8Page - STMicroelectronics TS271C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
25k
Ω
V
CC
5
1
8
R set
OFFS ET COMPENSATION GUARANTEED FOR
TS271BCX (ISET >25
µA),TS271ACX (ISET>90µA)
OFFSET VOLTAGE NULL CIRCUIT
= +3V
= +5V
V
CC
V
CC
= +10V
= +16V
V
CC
V
CC
R
set
10k
Ω
100k
Ω
1M
Ω
10M
Ω
1
µA
10
µA
100
µA
I
set
0. 1
µA
Figure 1 :
RSET Connected to VCC
-.
V
CC
R set
VO
V
CC
V
CC
R set
VO
V
CC
RSET CONNECTED TO
GROUND
RSET CONNECTED TO
VCC
- (RSET VALUE : SEE
Fig.1)
RESISTOR BIASING
TS271C,I,M
4/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com