Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS321I Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS321I
Description  LOW POWER SINGLE OPERATIONAL AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS321I Datasheet(HTML) 4 Page - STMicroelectronics

  TS321I Datasheet HTML 1Page - STMicroelectronics TS321I Datasheet HTML 2Page - STMicroelectronics TS321I Datasheet HTML 3Page - STMicroelectronics TS321I Datasheet HTML 4Page - STMicroelectronics TS321I Datasheet HTML 5Page - STMicroelectronics TS321I Datasheet HTML 6Page - STMicroelectronics TS321I Datasheet HTML 7Page - STMicroelectronics TS321I Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Notes :
1.
Short-circuits from the output to VCC can cause excessive heating if VCC > 15V. The maximum output current is approximately
40mA independent of the magnitude of VCC.
2.
The direction of the input current is out of the IC. This current is essentially constant, independent of the state of the output
so no loading change exists on the input lines.
3.
Vo = 1.4V, Rs = 0
Ω,5V < VCC+ < 30V, 0 < Vic <VCC+ - 1.5V.
4.
The input common-mode voltage of either input signal voltage should not be allowed to go negative by more than 0.3V.
The upper end of the common-mode voltage range is VCC
+ - 1.5V, but either or both inputs can go to +32V without damage.
5.
This input current only exists when the voltage at any of the input leads is driven negative. It is due to the collector-base
junction of the input PNP transistor becoming forward biased and thereby acting as input diodes clamps.
In addition to this diode action, there is also NPN parasitic action on the IC chip. this transistor action can cause the output
voltages of the Op-amps to go to the VCC voltage level (or to ground for a large overdrive) for the time duration than an input
is driven negative. This is not destructive and normal output will set up again for input voltage higher than -0.3V.
ELECTRICAL CHARACTERISTICS
VCC
+ = +5V, VCC– = Ground, VO = 1.4V, Tamb = +25oC (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
VOH
High Level Output Voltage
(VCC = +30V)
Tamb = +25
oCRL =2k
Ω
Tmin.
≤ Tamb ≤ Tmax.
Tamb = +25
oCRL = 10kΩ
Tmin.
≤ Tamb ≤ Tmax.
(VCC = +5V, RL =2k
Ω)
Tamb = +25
oC
Tmin.
≤ Tamb ≤ Tmax.
26
25.5
27
26.5
3.5
3
27
28
V
VOL
Low Level Output Voltage (RL =10k
Ω)
Tamb = +25
oC
Tmin.
≤ Tamb ≤ Tmax.
515
20
mV
SR
Slew Rate VCC = 15V, VI = 0.5 to 3V, RL =2k
Ω,
CL = 100pF, Tamb = +25
oC, unity gain)
0.4
V/
µs
GBP
Gain Bandwidth Product VCC = 30V, f = 100kHz,
Tamb = +25
oC, Vin =10mV, RL =2k
Ω,CL = 100pF
0.8
MHz
∅m
Phase Margin
60
Degrees
THD
Total Harmonic Distortion f = 1kHz, AV = 20dB, RL =2k
Ω,
VO =2Vpp,CL = 100pF, Tamb = +25
oC, VCC = 30V
0.015
%
en
Equivalent Input Noise Voltage
f = 1kHz, Rs = 100
Ω,VCC = 30V
40
nV
√
Hz
TS321
4/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com