Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS321I Datasheet(PDF) 5 Page - STMicroelectronics

Part # TS321I
Description  LOW POWER SINGLE OPERATIONAL AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS321I Datasheet(HTML) 5 Page - STMicroelectronics

  TS321I Datasheet HTML 1Page - STMicroelectronics TS321I Datasheet HTML 2Page - STMicroelectronics TS321I Datasheet HTML 3Page - STMicroelectronics TS321I Datasheet HTML 4Page - STMicroelectronics TS321I Datasheet HTML 5Page - STMicroelectronics TS321I Datasheet HTML 6Page - STMicroelectronics TS321I Datasheet HTML 7Page - STMicroelectronics TS321I Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TYPICAL SINGLE - SUPPLY APPLICATIONS
~
0
2VPP
R
10k
Ω
L
Co
e o
R
6.2k
Ω
B
R
100k
Ω
f
R1
10k
Ω
C
I
e
I
VCC
R2
100k
Ω
C1
10
µF
R3
100k
Ω
A= -
R
R1
V
f
(as s hown A = -10)
V
AC COUPLED INVERTING AMPLIFIER
~
0
2VPP
R
10k
Ω
L
Co
e o
R
6.2k
Ω
B
C1
0.1
µF
e
I
VCC
(a s s hown A = 11)
V
A= 1 + R2
R1
V
R1
100k
Ω
R2
1M
Ω
CI
R3
1M
Ω
R4
100k
Ω
R5
100k
Ω
C2
10
µF
AC COUPLED NON-INVERTING AMPLIFIER
R1
10kΩ
R2
1MΩ
1/4
TS 324
10kΩ
e I
e O
+5V
(mV)
0
AV=1 +
R2
R1
(As s hown
= 101)
A
V
NON-INVERTING DC GAIN
e
O
e
4
e
3
e
2
e
1
100k
Ω
100k
Ω
100k
Ω
100k
Ω
100k
Ω
100k
Ω
eo =e1 +e2 -e3 -e4
where (e1 +e2)
≥ (e3 +e4)
to keep eo
≥ 0V
DC SUMMING AMPLIFIER
TS321
5/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com