Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS339M Datasheet(PDF) 2 Page - STMicroelectronics

Part # TS339M
Description  MICROPOWER QUAD CMOS VOLTAGE COMPARATORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS339M Datasheet(HTML) 2 Page - STMicroelectronics

  TS339M Datasheet HTML 1Page - STMicroelectronics TS339M Datasheet HTML 2Page - STMicroelectronics TS339M Datasheet HTML 3Page - STMicroelectronics TS339M Datasheet HTML 4Page - STMicroelectronics TS339M Datasheet HTML 5Page - STMicroelectronics TS339M Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
+
Supply Voltage - (note 1)
18
V
Vid
Differential Input Voltage - (note 2)
±18
V
Vi
Input Voltage - (note 3)
18
V
VO
Output Voltage
18
V
IO
Output Current
20
mA
Toper
Operating Free-Air Temperature Range
TS339C
TS339I
TS339M
0 to +70
-40 to +125
-55 to +125
oC
Tstg
Storage Temperature Range
-65 to +150
oC
Notes : 1. All voltage values, except differential voltage, are with respect to network ground terminal.
2. Differential voltages are the non-inverting input terminal with respect to the inverting input terminal.
3. The magnitude of the input and the output voltages must never exceed the magnitude of the positive supply voltage.
4. Short circuit from outputs to VCC
+ can cause excessive heating and eventual destruction.
OPERATING CONDITIONS
Symbol
Parameter
Value
Unit
VCC
+
Supply Voltage
TS339C,I
TS339M
3to 16
4to 16
V
Vicm
Common Mode Input Voltage Range
0 to VCC
+ -1.5
V
T
1
T
2
1
TT
34
R
T
T
T
T
5
6
7
8
T
T
T
9
11
10
T
12
T
17
T
13
TT
14
15
T
16
T
T
19
20
T
18
Input -
Input +
O utput
CC
V+
CC
V-
SCHEMATIC DIAGRAM (for 1/4 TS339)
TS339C,I,M
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com