Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS339M Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS339M
Description  MICROPOWER QUAD CMOS VOLTAGE COMPARATORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS339M Datasheet(HTML) 3 Page - STMicroelectronics

  TS339M Datasheet HTML 1Page - STMicroelectronics TS339M Datasheet HTML 2Page - STMicroelectronics TS339M Datasheet HTML 3Page - STMicroelectronics TS339M Datasheet HTML 4Page - STMicroelectronics TS339M Datasheet HTML 5Page - STMicroelectronics TS339M Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ELECTRICAL CHARACTERISTICS
VCC
+ = 5V, VCC- = 0V, Tamb =25°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input Offset Voltage - (note 1)
Vic =Vicm min., VCC
+ = 5V to 10V
Tmin.
≤ Tamb ≤ Tmax.
1.4
5
6.5
mV
Iio
Input Offset Current - (note 2)
Vic = 2.5 V
Tmin.
≤ Tamb ≤ Tmax.
1
300
pA
Iib
Input Bias Current - (note 2)
Vic = 2.5 V
Tmin.
≤ Tamb ≤ Tmax.
1
600
pA
Vicm
Input Common Mode Voltage Range
Tmin.
≤ Tamb ≤ Tmax.
0to VCC
+ -1.2
0to VCC
+ -1.5
V
CMR
Common-mode Rejection Ratio
Vic =Vicm min.75
dB
SVR
Supply Voltage Rejection Ratio
VCC
+ = +5V to +10V
85
dB
IOH
High Level Output Current
Vid =1V, VOH = +5V
Tmin.
≤ T
amb
≤ T
max.
240
1000
nA
VOL
Low Level Output Voltage
Vid = -1V, IOL = 6mA
Tmin.
≤ Tamb ≤ Tmax.
350
400
650
mV
ICC
Supply Current (4 comparators)
No load - Outputs low
Tmin.
≤ T
amb
≤ T
max.
36
80
100
µA
tPLH
Response Time Low to High
Vic = 0V, f = 10kHz, RL = 5.1k
Ω,CL = 15pF, Overdrive = 5mV
Overdrive = 10mV
Overdrive = 20mV
Overdrive = 40mV
TTL Input
1.5
1.2
1.1
0.9
0.8
µs
tPHL
Response Time High to Low
Vic = 0V, f = 10kHz, RL = 5.1k
Ω,CL = 15pF, Overdrive = 5mV
Overdrive = 10mV
Overdrive = 20mV
Overdrive = 40mV
TTL Input
2.5
1.9
1.2
0.8
0.08
µs
tf
Fall Time
f = 10kHz, CL = 15pF, RL = 5.1k
Ω, Overdrive 50mV
25
ns
Note :
1. The specified offset voltage is the maximun value required to drive the output up to 4.5V or down to 0.3V.
2. Maximum values including unavoidable inaccuracies of the industrial test.
TS339C,I,M
3/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com