Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3V393 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS3V393
Description  3V MICROPOWER DUAL VOLTAGE COMPARATORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3V393 Datasheet(HTML) 1 Page - STMicroelectronics

  TS3V393 Datasheet HTML 1Page - STMicroelectronics TS3V393 Datasheet HTML 2Page - STMicroelectronics TS3V393 Datasheet HTML 3Page - STMicroelectronics TS3V393 Datasheet HTML 4Page - STMicroelectronics TS3V393 Datasheet HTML 5Page - STMicroelectronics TS3V393 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TS3V393
3V MICROPOWER DUAL VOLTAGE COMPARATORS
.
DEDICATED TO 3.3V OR BATTERY SUPPLY
(specified at 3V and 5V)
.
EXTREMELY LOW SUPPLY CURRENT :
9
µA typ/comparator
.
WIDE SINGLE SUPPLY RANGE
2.7V to 16V
.
EXTREMELY LOW INPUT CURRENTS :
1pA TYP
.
INPUT COMMON-MODE VOLTAGE RANGE
INCLUDES GND
.
FAST RESPONSE TIME : 2.5
µs typ for
5mV overdrive
.
PIN-TO-PIN AND FUNCTIONALLY
COMPATIBLE WITH BIPOLAR LM393
1
2
3
45
6
7
8
Inverting Input 2
Output 2
Non-inverting Input 2
Output 1
Inverting Input 1
Non-inverting Input 1
CC
+
V
-
CC
V
-
+
-
+
PIN CONNECTIONS (top view)
N
DIP8
(Plastic Package)
D
SO8
(Plastic Micropackage)
October 1997
ORDER CODES
Part Number
Temperature
Range
Package
ND
TS3V393I
-40
oC, +125oC
qq
DESCRIPTION
The TS3V393 is a micropower dual CMOS voltage
comparator with extremely low consumption of
9
µA typ / comparator (20 times less than bipolar
LM393). Similar performances are offered by the
dual micropower comparator TS3V3702 with a
push-pull CMOS output.
Thus response times remain similar to the LM393.
1/6


Similar Part No. - TS3V393

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3V330 TI-TS3V330 Datasheet
382Kb / 18P
QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON STATE RESISTANCE
TS3V330 TI-TS3V330 Datasheet
762Kb / 26P
QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS3V330 TI-TS3V330 Datasheet
762Kb / 26P
QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS3V330D TI-TS3V330D Datasheet
382Kb / 18P
QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON STATE RESISTANCE
TS3V330D TI-TS3V330D Datasheet
762Kb / 26P
QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
More results

Similar Description - TS3V393

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS3V339 STMICROELECTRONICS-TS3V339 Datasheet
59Kb / 6P
3V MICROPOWER QUAD VOLTAGE COMPARATORS
Oct-1997
TS3V3702 STMICROELECTRONICS-TS3V3702 Datasheet
45Kb / 6P
3V MICROPOWER DUAL VOLTAGE COMPARATORS
Nov-1999
TS3V3704 STMICROELECTRONICS-TS3V3704 Datasheet
59Kb / 6P
3V MICROPOWER QUAD VOLTAGE COMPARATORS
Oct-1997
TS393 STMICROELECTRONICS-TS393_05 Datasheet
128Kb / 9P
MICROPOWER DUAL CMOS VOLTAGE COMPARATORS
Aug-2005
TS3702 STMICROELECTRONICS-TS3702 Datasheet
117Kb / 11P
MICROPOWER DUAL CMOS VOLTAGE COMPARATORS
26-Feb-2007
TS393 STMICROELECTRONICS-TS393_08 Datasheet
155Kb / 12P
Micropower dual CMOS voltage comparators
28-Apr-2008
logo
Texas Instruments
TLC3702-Q1 TI1-TLC3702-Q1 Datasheet
1Mb / 28P
DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATORS
TLC3702MDRG4 TI1-TLC3702MDRG4 Datasheet
1Mb / 36P
DUAL MICROPOWER LinCMOS VOLTAGE COMPARATORS
logo
STMicroelectronics
TSX3702 STMICROELECTRONICS-TSX3702 Datasheet
597Kb / 24P
Micropower dual CMOS voltage comparators
13-Feb-2015
TSX393 STMICROELECTRONICS-TSX393 Datasheet
936Kb / 23P
Micropower dual CMOS voltage comparators
June 2016 Rev 3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com