Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3V3702 Datasheet (PDF) - STMicroelectronics

TS3V3702 Datasheet PDF - STMicroelectronics
Part # TS3V3702
Download  TS3V3702 Download
File Size   45.17 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3V MICROPOWER DUAL VOLTAGE COMPARATORS

TS3V3702 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS3V3702 Datasheet PDF - STMicroelectronics

Part # TS3V3702
Download  TS3V3702 Click to download

File Size   45.17 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3V MICROPOWER DUAL VOLTAGE COMPARATORS

TS3V3702 Datasheet (HTML) - STMicroelectronics


TS3V3702 Product details

DESCRIPTION
The TS3V3702 is a micropower dual CMOS voltage comparator with extremely low consumption of 7µA typ / comparator (20 times less than bipolar LM393). The push-pull CMOS output stage allows power and space saving by eliminating the external pull-up resistor required by usual open-collector output comparators.
Thus response times remain similar to the LM393.

■ DEDICATED TO 3.3V OR BATTERY SUPPLY (specified at 3V and 5V)
■ PUSH-PULL CMOS OUTPUT (NO EXTER NAL PULL-UP RESISTOR REQUIRED)
■ EXTREMELY LOW SUPPLY CURRENT : 7µA typ / comparator
■ WIDE SINGLE SUPPLY RANGE 2.7V TO 16V
■ EXTREMELY LOW INPUT CURRENTS : 1pA typ
■ INPUT COMMON-MODE VOLTAGE RANGE INCLUDES GND
■ FAST RESPONSE TIME : 2µs typ for 5mV overdrive
■ PIN-TO-PIN AND FUNCTIONALLY COMPATIBLE WITH BIPOLAR LM393




Similar Part No. - TS3V3702

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS3V3704 STMICROELECTRONICS-TS3V3704 Datasheet
59Kb / 6P
3V MICROPOWER QUAD VOLTAGE COMPARATORS
Oct-1997
TS3V3704I STMICROELECTRONICS-TS3V3704I Datasheet
59Kb / 6P
3V MICROPOWER QUAD VOLTAGE COMPARATORS
Oct-1997
More results


Similar Description - TS3V3702

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS3V339 STMICROELECTRONICS-TS3V339 Datasheet
59Kb / 6P
3V MICROPOWER QUAD VOLTAGE COMPARATORS
Oct-1997
TS3V3704 STMICROELECTRONICS-TS3V3704 Datasheet
59Kb / 6P
3V MICROPOWER QUAD VOLTAGE COMPARATORS
Oct-1997
TS3V393 STMICROELECTRONICS-TS3V393 Datasheet
58Kb / 6P
3V MICROPOWER DUAL VOLTAGE COMPARATORS
Oct-1997
TS393 STMICROELECTRONICS-TS393_05 Datasheet
128Kb / 9P
MICROPOWER DUAL CMOS VOLTAGE COMPARATORS
Aug-2005
TS3702 STMICROELECTRONICS-TS3702 Datasheet
117Kb / 11P
MICROPOWER DUAL CMOS VOLTAGE COMPARATORS
26-Feb-2007
TS393 STMICROELECTRONICS-TS393_08 Datasheet
155Kb / 12P
Micropower dual CMOS voltage comparators
28-Apr-2008
logo
Texas Instruments
TLC3702-Q1 TI1-TLC3702-Q1 Datasheet
1Mb / 28P
DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATORS
TLC3702MDRG4 TI1-TLC3702MDRG4 Datasheet
1Mb / 36P
DUAL MICROPOWER LinCMOS VOLTAGE COMPARATORS
logo
STMicroelectronics
TSX3702 STMICROELECTRONICS-TSX3702 Datasheet
597Kb / 24P
Micropower dual CMOS voltage comparators
13-Feb-2015
TSX393 STMICROELECTRONICS-TSX393 Datasheet
936Kb / 23P
Micropower dual CMOS voltage comparators
June 2016 Rev 3
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com