Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3V3702 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TS3V3702
Description  3V MICROPOWER DUAL VOLTAGE COMPARATORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3V3702 Datasheet(HTML) 2 Page - STMicroelectronics

  TS3V3702 Datasheet HTML 1Page - STMicroelectronics TS3V3702 Datasheet HTML 2Page - STMicroelectronics TS3V3702 Datasheet HTML 3Page - STMicroelectronics TS3V3702 Datasheet HTML 4Page - STMicroelectronics TS3V3702 Datasheet HTML 5Page - STMicroelectronics TS3V3702 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2/6
TS3V3702
T
1
T
2
1
TT
34
R
T
T
T
T
5
6
7
8
T
T
T
9
11
10
T12
T
17
T
13
TT
14
15
T
16
TT
19
20
TT
18
21
Input -
Input +
Output
CC
V+
CC
V-
SCHEMATIC DIAGRAM (for 1/2 TS3V3702)
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
V
CC
+
Supply Voltage - (note 1)
18
V
V
id
Differential Input Voltage - (note 2)
–18
V
V
i
Input Voltage - (note 3)
18
V
V
O
Output Voltage
18
V
I
O
Output Current
20
mA
T
oper
Operating Free-Air Temperature Range
TS3V3702I
-40 to +125
oC
T
stg
Storage Temperature Range
-65 to +150
oC
Notes : 1. All voltage values, except differential voltage, are with respect to network ground terminal.
2. Differential voltages are the non-inverting input terminal with respect to the inverting input terminal.
3. The magnitude of the input and the output voltages must never exceed the magnitude of the positive supply voltage.
4. Short circuit from outputs to V
CC
+ can cause excessive heating and eventual destruction.
OPERATING CONDITIONS
Symbol
Parameter
Value
Unit
V
CC
+
Supply Voltage
2.7 to 16
V
V
icm
Common Mode Input Voltage Range
0 to V
CC
+ -1.5
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com