Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3V3702 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS3V3702
Description  3V MICROPOWER DUAL VOLTAGE COMPARATORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3V3702 Datasheet(HTML) 3 Page - STMicroelectronics

  TS3V3702 Datasheet HTML 1Page - STMicroelectronics TS3V3702 Datasheet HTML 2Page - STMicroelectronics TS3V3702 Datasheet HTML 3Page - STMicroelectronics TS3V3702 Datasheet HTML 4Page - STMicroelectronics TS3V3702 Datasheet HTML 5Page - STMicroelectronics TS3V3702 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3/6
TS3V3702
ELECTRICAL CHARACTERISTICS
V
CC
+ = 3V, V
CC
- = 0V, T
amb =25°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
V
io
Input Offset Voltage - (note 1)
V
ic = 1.5V
T
min. ≤ Tamb ≤ Tmax.
5
6.5
mV
I
io
Input Offset Current - (note 2)
V
ic = 1.5 V
T
min. ≤ Tamb ≤ Tmax.
1
300
pA
I
ib
Input Bias Current - (note 2)
V
ic = 1.5 V
T
min. ≤ Tamb ≤ Tmax.
1
600
pA
V
icm
Input Common Mode Voltage Range
T
min. ≤ Tamb ≤ Tmax.
0to V
CC
+-1.2
0to V
CC
+ -1.5
V
CMR
Common-mode Rejection Ratio
V
ic =Vicm min.80
dB
SVR
Supply Voltage Rejection Ratio
V
CC
+ =3V to 5V
75
dB
V
OH
High Level Output Voltage
V
id =1V, IOH = -4mA
T
min. ≤ Tamb ≤ Tmax.
2
1.8
2.4
V
V
OL
Low Level Output Voltage
V
id = -1V, IOL = 4mA
T
min. ≤ Tamb ≤ Tmax.
300
400
450
mV
I
CC
Supply Current (each comparator)
No load - Outputs low
T
min. ≤ Tamb ≤ Tmax.
720
25
µA
t
PLH
Response Time Low to High
V
ic = 0V, f = 10kHz, CL = 50pF,
Overdrive = 5mV
TTL Input
1.5
0.7
µs
t
PHL
Response Time High to Low
V
ic = 0V, f = 10kHz, CL = 50pF,
Overdrive = 5mV
TTL Input
2.2
0.15
µs
Note :
1. The specified offset voltage is the maximun value required to drive the output up to 4.5V or down to 0.3V.
2. Maximum values including unavoidable inaccuracies of the industrial test.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com