Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5590BBCZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD5590BBCZ
Description  16 Input, 16 Output Analog I/O Port with Integrated Amplifiers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5590BBCZ Datasheet(HTML) 5 Page - Analog Devices

  AD5590BBCZ Datasheet HTML 1Page - Analog Devices AD5590BBCZ Datasheet HTML 2Page - Analog Devices AD5590BBCZ Datasheet HTML 3Page - Analog Devices AD5590BBCZ Datasheet HTML 4Page - Analog Devices AD5590BBCZ Datasheet HTML 5Page - Analog Devices AD5590BBCZ Datasheet HTML 6Page - Analog Devices AD5590BBCZ Datasheet HTML 7Page - Analog Devices AD5590BBCZ Datasheet HTML 8Page - Analog Devices AD5590BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
AD5590
Rev. 0 | Page 5 of 44
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments2
LOGIC INPUTS
Input High Voltage, VINH
0.7 × VDRIVE
V
Input Low Voltage, VINL
0.3 × VDRIVE
V
Input Current, IIN
−1
+1
μA
Typically 10 nA
Input Capacitance, CIN1, 4
10
pF
LOGIC OUTPUTS
Output High Voltage, VOH
VDRIVE − 0.2
V
ISOURCE = 200 μA; VDD = 2.7 V to 5.25 V
Output Low Voltage, VOL
0.4
V
ISINK = 200 μA
Floating State Leakage Current
±10
μA
weak/TRI bit set to 0
Floating State Output Capacitance4
10
pF
weak/TRI bit set to 0
Output Coding
Straight (Natural) Binary
coding bit set to 1
Twos Complement
coding bit set to 0
CONVERSION RATE4
Conversion Time
800
ns
16 ASCLK cycles, ASCLK = 20 MHz
Track-and-Hold Acquisition Time3
300
ns
Sine wave input
300
ns
Full-scale step input
Throughput Rate
1
MSPS
@ 5 V (see the Serial Interface section)
POWER REQUIREMENTS
ADCVDD
2.7
5.25
V
VDRIVE
2.7
5.25
V
IDRIVE
0.15
μA
IDD5
Digital inputs = 0 V or VDRIVE
Normal Mode, Static
750
μA
VDD = 4.75 V to 5.25 V, ASCLK on or off
Normal Mode, Operational
(fS = Maximum Throughput)
2.5
mA
VDD = 4.75 V to 5.25 V, fSCLK = 20 MHz
Autostandby Mode
1.55
mA
fSAMPLE = 500 kSPS
100
μA
Static
Autoshutdown Mode
960
μA
fSAMPLE = 250 kSPS
0.5
μA
Static
Full Shutdown Mode
0.02
0.5
μA
ASCLK on or off
Power Dissipation
Normal Mode, Operational
12.5
mW
ADCVDD = 5 V, fSCLK = 20 MHz
Autostandby Mode, Static
500
μW
ADCVDD = 5 V
Autoshutdown Mode, Static
2.5
μW
ADCVDD = 5 V
Full Shutdown Mode
2.5
μW
ADCVDD = 5 V
1 Specifications apply for fSCLK up to 20 MHz. For serial interfacing requirements, see the Timing Specifications section.
2 Temperature range: −40°C to +85°C.
3 See the Terminology section.
4 Guaranteed by design and characterization. Not production tested.
5 See the ADC Power vs. Throughput Rate section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com