Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5590BBCZ Datasheet(PDF) 12 Page - Analog Devices

Part # AD5590BBCZ
Description  16 Input, 16 Output Analog I/O Port with Integrated Amplifiers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5590BBCZ Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5590BBCZ Datasheet HTML 8Page - Analog Devices AD5590BBCZ Datasheet HTML 9Page - Analog Devices AD5590BBCZ Datasheet HTML 10Page - Analog Devices AD5590BBCZ Datasheet HTML 11Page - Analog Devices AD5590BBCZ Datasheet HTML 12Page - Analog Devices AD5590BBCZ Datasheet HTML 13Page - Analog Devices AD5590BBCZ Datasheet HTML 14Page - Analog Devices AD5590BBCZ Datasheet HTML 15Page - Analog Devices AD5590BBCZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
AD5590
Rev. 0 | Page 12 of 44
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
VOUT14
IN5(+)
IN5(–)
OUT5
OUT6
V2–
IN6(–)
IN6(+)
IN7(+)
IN7(–)
OUT7
VIN12
VOUT10
IN4(+)
VIN11
VIN14
VREFA
VIN15
VREFIN2/
VREFOUT2
VOUT15
VOUT13
VOUT11
VOUT9
VIN10
VOUT8
IN4(–)
VIN13
VOUT12
DACGND
OUT4
V2+
VOUT1
LDAC
ADCVDD
ADIN
DACVDD
DDIN
ASYNC
ASCLK
DSYNC2
DSCLK
ADOUT
VDRIVE
CLR
DSYNC1
ADCGND
VIN1
DACGND
DACVDD
VIN0
VIN3
VOUT3
VOUT5
V1+
VIN2
VIN9
VOUT7
IN0(+)
VIN4
VIN6
VIN7
V1–
VIN5
VREFIN1/
VREFOUT1
VOUT6
VOUT4
VOUT2
VIN8
VOUT0
12
11
10
98
76
54
32
1
IN0(–)
OUT0
IN1(+)
IN1(–)
OUT1
OUT3
IN3(–)
IN3(+)
IN2(–)
IN2(+)
OUT2
A
M
L
K
J
H
G
F
E
D
C
B
Figure 5. Pin Configuration
Table 10. Pin Function Descriptions
Pin No.
Mnemonic
Description
M7
ASYNC
Frame Synchronization Signal. Active low logic input. This input provides the dual function of
initiating ADC conversions and also frames the serial data transfer.
J11
VREFA
Reference Input for the ADC Block. An external reference must be applied to this input. The voltage
range for the external reference is 2.5 V ± 1% for specified performance.
M8
ADCVDD
Power Supply Input for the ADC Block. The ADC can operate from 4.5 V to 5.25 V, and the supply
should be decoupled with a 10 μF in parallel with a 0.1 μF capacitor to ADCGND.
M5
ADCGND
Ground Reference Point for the ADC Block. All ADC analog/digital input/output signals and any
external reference signal should be referred to this ADCGND voltage.
M4, L5, L3, L4, L2,
G2, K2, J2, B2, B3,
B11, L11, B12, L10,
K11, H11
VIN0 to
VIN15
Analog Input 0 through Analog Input 15. Sixteen single-ended analog input channels that are
multiplexed into the on-chip track and hold. The analog input channel to be converted is selected by
using the ADD3 through ADD0 address bits of the control register. The address bits in conjunction
with the SEQ and shadow bits allow the sequence register to be programmed. The input range for all
input channels can extend from 0 V to VREFA or 0 V to 2 × VREFA, as selected via the range bit in the
control register. Any unused input channels should be connected to GND to avoid noise pickup.
L8
ADIN
ADC Data In. Logic input. Data to be written to the control register of the ADC is provided on this input and
is clocked into the register on the falling edge of ASCLK (see the Accessing the ADC Block section).
M6
ADOUT
Data Out. Logic output. The conversion result from the ADC block is provided on this output as a serial
data stream. The bits are clocked out on the falling edge of the ASCLK input. The data stream consists
of four address bits indicating which channel the conversion result corresponds to, followed by the
12 bits of conversion data, which is provided MSB first. The output coding can be selected as straight
binary or twos complement via the coding bit in the control register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com