Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5045 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5045
Description  Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5045 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5045 Datasheet HTML 9Page - Analog Devices AD5045 Datasheet HTML 10Page - Analog Devices AD5045 Datasheet HTML 11Page - Analog Devices AD5045 Datasheet HTML 12Page - Analog Devices AD5045 Datasheet HTML 13Page - Analog Devices AD5045 Datasheet HTML 14Page - Analog Devices AD5045 Datasheet HTML 15Page - Analog Devices AD5045 Datasheet HTML 16Page - Analog Devices AD5045 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
AD5025/AD5045/AD5065
Rev. 0 | Page 13 of 28
24
20
14
8
4
01
5
7
10
CAPACITANCE (nF)
6
10
12
22
18
16
39
24
6
8
VDD = 5V, VREF = 3.0V
TA = 25°C
Figure 30. Settling Time vs. Capacitive Load
CH1 5V
CH2 2V
M2µs
A CH1
2.5V
2
1
T 11%
VOUT
CLR
Figure 31. Hardware CLR
10
0
–10
–20
–60
10
100
1000
10000
FREQUENCY (kHz)
–30
–40
–50
CH A
CH B
CH C
CH D
3dB POINT
Figure 32. Multiplying Bandwidth
0.0010
0.0008
0.0006
0.0004
0.0002
0
–0.0002
–0.0004
–0.0006
–0.0008
–25 –20 –15 –10
–5
0
5
10
15
20
25
30
CURRENT (mA)
CODE = MIDSCALE
VDD = 5V, VREF = 4.096V
VDD = 5.5V
Figure 33. Typical Output Load Regulation
0.10
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
–25 –20 –15 –10
–5
0
5
10
15
20
25
30
IOUT (mA)
CODE = MIDSCALE
VDD = 5V, VREF = 4.096V
Figure 34. Typical Current Limiting Plot
CH1 50mV CH2 5V
M4µs
A CH2
1.2V
T 8.6%
CH1 295mV p-p
VOUT
SCLK
Figure 35. Glitch Upon Entering Power-Down (1 kΩ to GND) from Zero Scale,
No Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com