Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5045 Datasheet(PDF) 2 Page - Analog Devices

Part # AD5045
Description  Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5045 Datasheet(HTML) 2 Page - Analog Devices

  AD5045 Datasheet HTML 1Page - Analog Devices AD5045 Datasheet HTML 2Page - Analog Devices AD5045 Datasheet HTML 3Page - Analog Devices AD5045 Datasheet HTML 4Page - Analog Devices AD5045 Datasheet HTML 5Page - Analog Devices AD5045 Datasheet HTML 6Page - Analog Devices AD5045 Datasheet HTML 7Page - Analog Devices AD5045 Datasheet HTML 8Page - Analog Devices AD5045 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
AD5025/AD5045/AD5065
Rev. 0 | Page 2 of 28
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
General Description ......................................................................... 1
 
Product Highlights ........................................................................... 1
 
Functional Block Diagram .............................................................. 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
AC Characteristics........................................................................ 4
 
Timing Characteristics ................................................................ 5
 
Absolute Maximum Ratings............................................................ 7
 
ESD Caution.................................................................................. 7
 
Pin Configuration and Function Descriptions............................. 8
 
Typical Performance Characteristics ............................................. 9
 
Terminology .................................................................................... 15
 
Theory of Operation ...................................................................... 17
 
Digital-to-Analog Converter .................................................... 17
 
DAC Architecture....................................................................... 17
 
Reference Buffer ......................................................................... 17
 
Output Amplifier........................................................................ 17
 
Serial Interface ............................................................................ 17
 
Input Register.............................................................................. 17
 
Standalone Mode........................................................................ 19
 
SYNC Interrupt .......................................................................... 19 
Daisy-Chaining........................................................................... 19
 
Power-On Reset and Software Reset ....................................... 20
 
Power-Down Modes .................................................................. 20
 
Clear Code Register ................................................................... 21
 
LDAC Function........................................................................... 21 
Power-Down Lockout................................................................ 22
 
Power Supply Bypassing and Grounding................................ 22
 
Microprocessor Interfacing....................................................... 23
 
Applications Information .............................................................. 24
 
Using a Reference as a Power Supply for the
AD5025/AD5045/AD5065 ....................................................... 24
 
Bipolar Operation Using the AD5025/AD5045/AD5065..... 24
 
Using the AD5025/AD5045/AD5065 with a
Galvanically Isolated Interface ................................................. 24
 
Outline Dimensions ....................................................................... 25
 
Ordering Guide .......................................................................... 25
 
REVISION HISTORY
10/08—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com