Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5765 Datasheet(PDF) 21 Page - Analog Devices

Part # AD5765
Description  Complete Quad, 16-Bit, High Accuracy, Serial Input, 짹5V DACs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5765 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5765 Datasheet HTML 17Page - Analog Devices AD5765 Datasheet HTML 18Page - Analog Devices AD5765 Datasheet HTML 19Page - Analog Devices AD5765 Datasheet HTML 20Page - Analog Devices AD5765 Datasheet HTML 21Page - Analog Devices AD5765 Datasheet HTML 22Page - Analog Devices AD5765 Datasheet HTML 23Page - Analog Devices AD5765 Datasheet HTML 24Page - Analog Devices AD5765 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
Preliminary Technical Data
AD5765
Rev. PrA | Page 21 of 31
FUNCTION REGISTER
The function register is addressed by setting the three REG bits to 000. The values written to the address bits and the data bits determine
the function addressed. The functions available via the function register are outlined in Table 10 and Table 11.
Table 10. Function Register Options
REG2
REG1
REG0
A2
A1
A0
DB15:DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
0
0
0
0
0
NOP, Data = Don’t Care
0
0
0
0
0
1
Don’t Care
Local-
Ground-
Offset Adjust
D1
Direction
D1
Value
D0
Direction
D0
Value
SDO
Disable
0
0
0
1
0
0
CLR, Data = Don’t Care
0
0
0
1
0
1
LOAD, Data = Don’t Care
Table 11. Explanation of Function Register Options
Option
Description
NOP
No operation instruction used in readback operations.
Local-Ground-
Offset Adjust
Set by the user to enable local-ground-offset adjust function. Cleared by the user to disable local-ground-offset adjust
function (default). Refer to Features section for further details.
D0/D1 Direction
Set by the user to enable D0/D1 as outputs. Cleared by the user to enable D0/D1 as inputs (default). Refer to the
Features section for further details.
D0/D1 Value
I/O Port Status Bits. Logic values written to these locations determine the logic outputs on the D0 and D1 pins when
configured as outputs. These bits indicate the status of the D0 and D1 pins when the I/O port is active as an input.
When enabled as inputs, these bits are don’t cares during a write operation.
SDO Disable
Set by the user to disable the SDO output. Cleared by the user to enable the SDO output (default).
CLR
Addressing this function resets the DAC outputs to 0 V in twos complement mode and negative full scale in binary mode.
LOAD
Addressing this function updates the DAC registers and consequently the analog outputs.
DATA REGISTER
The data register is addressed by setting the three REG bits to 010. The DAC address bits select with which DAC channel the data transfer
is to take place (see Table 9). The data bits are in positions DB15 to DB0 as shown in Table 12.
Table 12. Programming the AD5765 Data Register
REG2
REG1
REG0
A2
A1
A0
DB15
DB14
DB13
DB12
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
1
0
DAC Address
16-Bit DAC Data
COARSE GAIN REGISTER
The coarse gain register is addressed by setting the three REG bits to 011. The DAC address bits select with which DAC channel the data
transfer is to take place (see Table 9). The coarse gain register is a 2-bit register and allows the user to select the output range of each DAC
as shown in Table 13 and Table 14.
Table 13. Programming the AD5765 Coarse Gain Register
REG2
REG1
REG0
A2
A1
A0
DB15 …. DB2
DB1
DB0
0
1
1
DAC Address
Don’t Care
CG1
CG0
Table 14. Output Range Selection
Output Range
CG1
CG0
±4.096 V (default)
0
0
±4.201 V
0
1
±4.331 V
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com