Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56725 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # DSP56725
Description  Symphony??DSP56724/DSP56725 Multi-Core Audio Processors
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56725 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  DSP56725 Datasheet HTML 1Page - Freescale Semiconductor, Inc DSP56725 Datasheet HTML 2Page - Freescale Semiconductor, Inc DSP56725 Datasheet HTML 3Page - Freescale Semiconductor, Inc DSP56725 Datasheet HTML 4Page - Freescale Semiconductor, Inc DSP56725 Datasheet HTML 5Page - Freescale Semiconductor, Inc DSP56725 Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56725 Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56725 Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56725 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
Freescale Semiconductor
Data Sheet: Technical Data
Document Number: DSP56724EC
Rev. 1, 12/2008
© Freescale Semiconductor, Inc., 2008. All rights reserved.
This document contains information on a product under development. Freescale reserves the
right to change or discontinue this product without notice.
DSP56724/DSP56725
DSP56725
80-Pin LQFP
14 mm
× 14 mm
0.65 mm pitch
DSP56724
144-Pin LQFP
20 mm
× 20 mm
0.5 mm pitch
See Table 19.
The Symphony DSP56724/DSP56725 Multi-Core Audio
Processors are part of the DSP5672x family of programmable
CMOS DSPs, designed using dual DSP56300 24-bit cores.
The DSP56724 is intended for consumer and professional
audio applications that require high performance for audio
processing. In addition, the DSP56724 is ideally suited for
applications that need the capability to expand memory
off-chip or to interface to external parallel peripherals.
Potential applications include A/V receivers, DVD Receivers,
Home Theater in a Box (HTIB), and professional audio
equipment including portable recording equipment, musical
instruments, guitar amplifiers and pedals. The DSP56724
offers customers flexibility in their designs by providing a
more cost-effective alternative to the DSP56720 while
maintaining pin compatibility.
The DSP56725 is intended for automotive and audio
applications that require high performance for audio
processing. Potential applications include A/V receivers,
DVD Receivers, Home Theater in a Box (HTIB), and
automotive amplifiers and entertainment systems. The
DSP56725 offers customers flexibility in their designs by
providing a more cost-effective alternative to the DSP56721
while maintaining pin compatibility.
The DSP56724/DSP56725 devices provide a wealth of
on-chip audio processing functions, via a plug and play
software architecture system that supports audio decoding
algorithms, various equalization algorithms, compression,
signal generator, tone control, fade/balance, level
meter/spectrum analyzer, among others. The
DSP56724/DSP56725 devices also support various matrix
decoders and sound field processing algorithms.
With two DSP56300 cores, a single DSP56724/ DSP56725
device can replace dual-DSP designs, saving costs while
meeting high MIPs requirements. Legacy peripherals from the
previous DSP5636x/37x families are included, as are a variety
of new modules available in the DSP5672x family. Modules
from the DSP56720 are included, such as an Asynchronous
Sample Rate Converter (ASRC), an Inter-Core
Communication (ICC) module, an External Memory
Controller (EMC) to support SDRAM (DSP56724 only), and
a Sony/Philips Digital Interface (S/PDIF) transceiver.
The DSP56724/DSP56725 devices offer up to 250 million
instructions per second (MIPs) per core using an internal
250 MHz clock. The DSP56724/ DSP56725 products are high
density CMOS devices with 3.3 V inputs and outputs.
The DSP56724 block diagram is shown in Figure 1; the
DSP56725 block diagram is shown in Figure 2.
NOTE
This document contains information on a new product.
Specifications and information herein are subject to change
without notice. Finalized specifications may be published
after further characterization and device qualifications are
completed.
Symphony™ DSP56724/
DSP56725 Multi-Core Audio
Processors


Similar Part No. - DSP56725

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DSP56725 NXP-DSP56725 Datasheet
986Kb / 48P
Symphony™ DSP56724/DSP56725 Multi-Core Audio Processors
Rev. 2, 3/2009
DSP56725PB NXP-DSP56725PB Datasheet
986Kb / 48P
Symphony™ DSP56724/DSP56725 Multi-Core Audio Processors
Rev. 2, 3/2009
More results

Similar Description - DSP56725

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
DSP56004 FREESCALE-DSP56004 Datasheet
617Kb / 82P
SYMPHONY AUDIO DSP FAMILY 24-BIT DIGITAL SIGNAL PROCESSORS
DSP56720 FREESCALE-DSP56720 Datasheet
1,018Kb / 54P
SymphonyTM DSP56720 / DSP56721 Multi-Core Audio Processors
logo
Active-Semi, Inc
ACT8846 ACTIVE-SEMI-ACT8846 Datasheet
81Kb / 2P
Advanced PMU for Multi-core Application Processors
22-Oct-12
ACT8847 ACTIVE-SEMI-ACT8847_14 Datasheet
763Kb / 38P
Advanced PMU for Multi-core Application Processors
Rev 5, 15-Nov-12
ACT8846 ACTIVE-SEMI-ACT8846_16 Datasheet
977Kb / 40P
Advanced PMU for Multi-core Application Processors
Rev 4, 25-May-16
ACT8847 ACTIVE-SEMI-ACT8847_17 Datasheet
2Mb / 39P
Advanced PMU for Multi-core Application Processors
REV 8, 17-JAN-2017
ACT8846 ACTIVE-SEMI-ACT8846_17 Datasheet
1Mb / 44P
Advanced PMU for Multi-core Application Processors
Rev 7.0, 06-Dec-2017
logo
Renesas Technology Corp
DA9068 RENESAS-DA9068 Datasheet
2Mb / 185P
System PMIC for Multi-Core Application Processors
21-Feb-2022
logo
NXP Semiconductors
DSP56004 NXP-DSP56004 Datasheet
909Kb / 82P
SYMPHONY™AUDIO DSP FAMILY 24-BIT DIGITAL SIGNAL PROCESSORS
Rev. 3
DSP56720 NXP-DSP56720 Datasheet
1Mb / 54P
Symphony™ DSP56720/DSP56721 Multi-Core Audio Processors
Rev. 5, 02/2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com