Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4040 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS4040
Description  2.5V MICROPOWER SHUNT VOLTAGE REFERENCE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4040 Datasheet(HTML) 1 Page - STMicroelectronics

  TS4040 Datasheet HTML 1Page - STMicroelectronics TS4040 Datasheet HTML 2Page - STMicroelectronics TS4040 Datasheet HTML 3Page - STMicroelectronics TS4040 Datasheet HTML 4Page - STMicroelectronics TS4040 Datasheet HTML 5Page - STMicroelectronics TS4040 Datasheet HTML 6Page - STMicroelectronics TS4040 Datasheet HTML 7Page - STMicroelectronics TS4040 Datasheet HTML 8Page - STMicroelectronics TS4040 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
s 2.5V OUTPUT VOLTAGE
s ULTRA LOW CURRENT CONSUMPTION:
40
µA TYP.
s HIGH PRECISION @ 25°C
±2% and ±1%
s HIGH STABILITY WHEN USED WITH
CAPACITIVE LOAD
s INDUSTRIAL TEMPERATURE RANGE:
-40 to +85°C
s 150ppm/°C MAXIMUM TEMPERATURE
COEFFICIENT
DESCRIPTION
The TS4040 is a low power shunt voltage refer-
ence providing a stable 2.5V output voltage over
the industrial temperature range (-40 to +85°C).
Available in SOT23-3 surface mount package, it
can be designed in applications where space sav-
ing is a critical issue.
The low operating current is a key advantage for
power restricted designs. In addition, the TS4040
is very stable and can be used in a broad range of
application conditions.
APPLICATION
s Computers
s Instrumentation
s Battery chargers
s Switch Mode Power Supply
s Battery operated equipments
ORDER CODE
Z = TO92 Plastic package - also available in Bulk (Z), Tape & Reel (ZT)
and Ammo Pack (AP)
LT = Tiny Package (SOT23-3) - only available in Tape & Reel (LT)
PIN CONNECTIONS (top view)
Precision
TO92
SOT23-3
SOT23
Marking
2%
TS4040EIZ-2.5 TS4040EILT-2.5
L243
1%
TS4040DIZ-2.5 TS4040DILT-2.5
L242
Single temperature range: -40 to +85°C
Z
TO92
(Plastic Package)
L
SOT23-3L
(Plastic Micropackage)
TS4040
2.5V MICROPOWER SHUNT VOLTAGE REFERENCE
March 2002


Similar Part No. - TS4040

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4040 STMICROELECTRONICS-TS4040 Datasheet
140Kb / 9P
2.5V micropower shunt voltage reference
20-Aug-2007
TS4040DILT-2.5 STMICROELECTRONICS-TS4040DILT-2.5 Datasheet
140Kb / 9P
2.5V micropower shunt voltage reference
20-Aug-2007
TS4040EILT-2.5 STMICROELECTRONICS-TS4040EILT-2.5 Datasheet
140Kb / 9P
2.5V micropower shunt voltage reference
20-Aug-2007
TS4040 STMICROELECTRONICS-TS4040_07 Datasheet
140Kb / 9P
2.5V micropower shunt voltage reference
20-Aug-2007
More results

Similar Description - TS4040

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4431 NSC-LM4431 Datasheet
130Kb / 8P
Micropower Shunt Voltage Reference
logo
STMicroelectronics
TS822 STMICROELECTRONICS-TS822 Datasheet
64Kb / 8P
2.5V MICROPOWER SHUNT VOLTAGE REFERENCE
Mar-2000
logo
Sipex Corporation
SPX4040 SIPEX-SPX4040 Datasheet
154Kb / 8P
Precision Micropower 2.5V Shunt Voltage Reference
logo
Advanced Monolithic Sys...
AMS4040 ADMOS-AMS4040 Datasheet
60Kb / 6P
MICROPOWER SHUNT VOLTAGE REFERENCE
AMS4041 ADMOS-AMS4041 Datasheet
61Kb / 6P
MICROPOWER SHUNT VOLTAGE REFERENCE
AMS255 ADMOS-AMS255_05 Datasheet
83Kb / 4P
MICROPOWER SHUNT VOLTAGE REFERENCE
logo
STMicroelectronics
TS822 STMICROELECTRONICS-TS822_07 Datasheet
142Kb / 9P
2.5V micropower shunt voltage reference
20-Aug-2007
TS4040 STMICROELECTRONICS-TS4040_07 Datasheet
140Kb / 9P
2.5V micropower shunt voltage reference
20-Aug-2007
logo
Advanced Monolithic Sys...
AMS4041 ADMOS-AMS4041_1 Datasheet
61Kb / 6P
MICROPOWER SHUNT VOLTAGE REFERENCE
logo
Texas Instruments
LM4431 TI-LM4431_15 Datasheet
845Kb / 14P
Micropower Shunt Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com